Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28400
Description  Programmable Charge Current Up to 3000mA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28400 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Preliminary Datasheet
LP28400
LP28400-00 Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 17
3A/15V Synchronous Switching Mode 1/2cell Li-ion
Chargers With Power Path Selector
General Description
The LP28400 is a complete constant-current/
constant- voltage Switch mode charger for 1cell or
2cell lithium-ion batteries. 1.5MHz Synchronous
Switching Charger with 3A Integrated MOSFETs. No
external blocking diodes is required. The Switch
mode charger uses a high switching frequency to
reduce power dissipation during charging eliminate
heat and allow tiny external components. It can
operate from a single input that accepts. All power
switches for charging and switching the load
between battery and external power are included
on-chip that can be embedded in a wide range of
handheld applications, Built-in power path controller,
easily installation with external MOSFETs, Dynamic
power management, better thermal performance.
The LP28400 includes complete charge termination
circuitry, automatic recharge and a ±1% output
voltage. Fault condition protection includes cycle -by
-cycle current limiting and thermal shutdown. Other
safety
features
include
battery
temperature
monitoring,
charge
status
indication
and
programmable timer to cease the charging cycle.
The LP28400 is available in a low profile (0.75mm)
10-lead (4mm × 4mm) TDFN package.
Order Information
LP28400 □ □ □ □ □
F: Pb-Free
Package Type
QV: TQFN-20
Output voltage
Default: 4.2V/8.4V
Features
Up to 95% efficiency
4.5-15V Operating voltage(Vin)
Vin Over Voltage Protection:6.8V/16.5V
Short-circuit protection
Programmable Charge Current Up to 3000mA
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Charges 1Cell and 2cell Li-Ion Batteries Directly
with same chip, Chargers with power path
selector
Internal Fixed 7Hrs timer
Drainage Charge Current Thermal Regulation
Status Outputs for LED or System Interface
Indicates Charge and Fault Conditions
Optional Battery Temperature Monitoring Before
and During Charge Automatic Sleep Mode for
Low-Power
Consumption Available in 4mm × 4mm TQFN-20
Package
RoHS Compliant and 100% Lead (Pb)-Free
Marking Information
Applications
Portable Media Players
Cellular and Smart mobile phone
Car GPS
Handheld Battery-Powered Devices
Handheld Computers
Charging Docks and Cradles
Device
Marking Package
Shipping
LP28400
LPS
LP28400
XXXXX
QV: TQFN-20
X: Batch numbers.


Similar Part No. - LP28400

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28400A POWER-LP28400A Datasheet
593Kb / 10P
2 cell Li-ion Battery Charge from 3V~12V
LP28400AAQVF POWER-LP28400AAQVF Datasheet
593Kb / 10P
2 cell Li-ion Battery Charge from 3V~12V
LP28400AASPF POWER-LP28400AASPF Datasheet
593Kb / 10P
2 cell Li-ion Battery Charge from 3V~12V
LP28400ABQVF POWER-LP28400ABQVF Datasheet
593Kb / 10P
2 cell Li-ion Battery Charge from 3V~12V
LP28400ABSPF POWER-LP28400ABSPF Datasheet
593Kb / 10P
2 cell Li-ion Battery Charge from 3V~12V
More results

Similar Description - LP28400

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP78071 POWER-LP78071 Datasheet
825Kb / 16P
Programmable Charge Current Up to 1000mA
LP78090 POWER-LP78090 Datasheet
655Kb / 10P
Programmable Charge Current Up to 1000mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
Maxim Integrated Produc...
MAX9611PMB1 MAXIM-MAX9611PMB1 Datasheet
1Mb / 9P
Programmable Current Limit Up to 1A
Rev 0; 5/12
logo
AIMTEC
AMER120-Z AIMTEC-AMER120-Z Datasheet
436Kb / 5P
up to 3000mA | AC-DC LED driver
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
High capacity of up to 1000 mA programmable charge current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com