Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28400
Description  Programmable Charge Current Up to 3000mA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP28400 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 10Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Preliminary Datasheet
LP28400
LP28400-00 Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 17
Function Block Diagram
FB
EN1
ISET
1
SHUTDOWN
CIRCUITRY
UVLO
SOFT
START
CONTROL
AND DRIVER
LOGIC
ADJUSTABLE
CURRENT
LIMIT
SLOPE
COMPENSASION
OSCILLATOR
OVP
VDD
1
LX
VSS
OTP
SHORT
CIRCUIT
COMP.
Error
Amp.
PWM
COMP.
CURRENT
SENSE
AMP.
10μA
10KΩ~100KΩ
2.5A~0.5A
GATE
DRIVER
CURRENT
LIMIT
UVLO
TSD
REF
VDD
2
EN2
OUT
2
ISET
2
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com