Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D25AF Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA78D25AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D25AF Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA78D25AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
2
3 VOUT
VIN
GND
Thernal
Shutdown
Bias
Current
Limitter
Driver
Reference
2014. 5. 13
2/11
KIA78D15AF~KIA78D05AF
Revision No : 0
Block Diagram
Fig. 1 Test Circuit
Fig. 2 Application Circuit
CIN*
VOUT
VIN
COUT*
3
2
1
V
VIN
VOUT
GND
CIN*
Power
Supply
To Load
VIN
COUT*
3
2
1 V
IN
VOUT
GND
* Input capacitor (CIN) , Output capacitor (COUT) : more than 1.0uF (ceramic capacitor).
When mounting an output capacitor (COUT) between the VOUT and GND pin and Input capacitor (CIN) for stabilizing the input
between the VIN and GND pin , the distance from the capacitors to these pins should be as short as possible.
Test Circuit
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com