Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D25AF Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIA78D25AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D25AF Datasheet(HTML) 6 Page - KEC(Korea Electronics)

Back Button KIA78D25AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 9Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 10Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2014. 5. 13
6/11
KIA78D15AF~KIA78D05AF
Revision No : 0
-50
-25
1.2
0
25
50
75
100
125
150
175
-50
-25
0
25
50
75
100
125
150
175
Fig.5-1 TEMPERATURE VS. OUTPUT VOLTAGE
(KIA78D15AF)
1.3
1.4
1.5
1.7
1.6
Fig.5-2 TEMPERATURE VS. OUTPUT VOLTAGE
(KIA78D33AF)
2.5
2.7
2.9
3.3
3.1
3.5
TEMPERATURE
( C)
TEMPERATURE
( C)
-50
-25
0
25
50
75
100
125
150
175
4.0
Fig.5-3 TEMPERATURE VS. OUTPUT VOLTAGE
(KIA78D05AF)
4.5
4.3
4.8
5.2
5.5
5.3
6.0
5.8
Fig.6-1 RIPPLE REJECTION
(KIA78D15AF)
FREQUENCY (Hz)
0.01
-100
-80
-90
-60
-70
-30
-40
-50
-10
-20
0
10
100
0.1
1
1000
FREQUENCY (Hz)
Fig.6-2 RIPPLE REJECTION
(KIA78D33AF)
TEMPERATURE
( C)
I
O=10mA
I
O=100mA
I
O=250mA
I
O=500mA
0.01
-100
-80
-90
-60
-70
-30
-40
-50
-10
-20
0
10
100
0.1
1
1000
I
O=10mA
I
O=100mA
I
O=250mA
I
O=500mA
FREQUENCY (Hz)
Fig.6-3 RIPPLE REJECTION
(KIA78D05AF)
0.01
-100
-80
-90
-60
-70
-30
-40
-50
-10
-20
0
10
100
0.1
1
1000
I
O=10mA
I
O=100mA
I
O=250mA
I
O=500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com