Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D25AF Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA78D25AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D25AF Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA78D25AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2014. 5. 13
3/11
KIA78D15AF~KIA78D05AF
Revision No : 0
Electrical Characteristics
(VIN = VOUT(typ.)+2V for VOUT≻2.0V, VIN = 2.5V for VOUT ≤ 2.0V, Ta = 25℃, CIN = COUT = 1μ
F, unless otherwise specified.)
* Dropout Voltage is not guaranteed in the model less than Vout=2.0V
CHARACTERISTIC
SYMBOL
Test Conditions
Min.
Typ.
Max.
Units
Quiescent Current
IB
IOUT = 0mA
-
2
5
mA
Output Voltage
VOUT
IOUT = 1mA
×0.98
-
×1.02
V
Dropout Voltage *
VD
VIN = 0.95
VOUT, IOUT = 500mA
-
0.25
0.5
V
Line Regulation
Reg Line
VOUT(typ.)+1.5V≤VDD≤VOUT(typ.)+ 2.5V,
IOUT = 1mA
-
0.05
0.1
%/V
Load Regulation
Reg Load
1mA
≤I
OUT≤1000mA
-
20
100
mV
VOUT Temperature Coefficient
ΔV
OUT/ΔT
IOUT = 1mA, -40℃≤Top≤85℃
-
100
-
ppm/
℃
Ripple Rejection
R
・R
f=1kHz, Vripple=1.0V, IOUT = 10mA
-
70
-
dB
Output Noise Voltage
VNO
fBW=20~80kHz, IOUT = 10mA
-
100
-
μVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com