Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D25AF Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA78D25AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D25AF Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA78D25AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D25AF Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2014. 5. 13
4/11
KIA78D15AF~KIA78D05AF
Revision No : 0
INPUT VOLTAGE (V)
Fig. 1-3 Input Voltage vs. Output Voltage
(KIA78D05AF)
0.0
0.0
2.0
10.0
6.0
8.0
4.0
12.0
14.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.0
INPUT VOLTAGE (V)
Fig. 1-1 Input Voltage vs. Output Voltage
(KIA78D15AF)
4.0
2.0
6.0
8.0
10.0
12.0
14.0
0.5
1.0
1.5
2.0
INPUT VOLTAGE (V)
2
1
0.0
0
2.0
6.0
8.0
4.0
10.0
14.0
12.0
Fig. 2-1 Input Voltage vs. Input Current
(KIA78D15AF)
5
4
3
4.0
INPUT VOLTAGE (V)
0.0
0.0
1.0
0.5
1.5
2.5
2.0
3.0
2.0
12.0
6.0
8.0
10.0
14.0
Fig. 1-2 Input Voltage vs. Output Voltage
(KIA78D33AF)
4.0
3.5
Io =1mA, 250mA, 500mA, 1000mA
Io =1mA, 250mA, 500mA, 1000mA
Io =1mA, 250mA, 500mA, 1000mA
INPUT VOLTAGE (V)
Fig. 2-2 Input Voltage vs. Input Current
(KIA78D33AF)
2
1
0.0
0
2.0
6.0
8.0
4.0
10.0
14.0
12.0
5
4
3
Fig. 2-3 Input Voltage vs. Input Current
(KIA78D05AF)
INPUT VOLTAGE (V)
2
1
0.0
0
2.0
6.0
8.0
4.0
10.0
14.0
12.0
5
4
3
Typical Characteristics (Ta=25
℃, C
IN=COUT=1μ
F, , unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com