Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG528CWN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG528CWN
Description  8-Channel Latchable Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG528CWN Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG528CWN Datasheet HTML 1Page - Maxim Integrated Products DG528CWN Datasheet HTML 2Page - Maxim Integrated Products DG528CWN Datasheet HTML 3Page - Maxim Integrated Products DG528CWN Datasheet HTML 4Page - Maxim Integrated Products DG528CWN Datasheet HTML 5Page - Maxim Integrated Products DG528CWN Datasheet HTML 6Page - Maxim Integrated Products DG528CWN Datasheet HTML 7Page - Maxim Integrated Products DG528CWN Datasheet HTML 8Page - Maxim Integrated Products DG528CWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8-Channel Latchable Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VEN = 2.4V, WR = 0V, RS = 2.4V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+ ....................................................................................+44V
GND .................................................................................+25V
Digital Inputs VS, VD .................................................V- -2V to V+ +2V
or 20mA, whichever occurs first.
Current (any terminal, except S or D) .................................30mA
Continuous Current, S or D
Peak Current, S or D ...........................................................20mA
(pulsed at 1ms, 10% duty cycle max) ............................50mA
Continuous Power Dissipation (TA = +70°C) (Note 1)
18-Pin Plastic DIP (derate 11.11mW/°C above +70°C)...889mW
18-Pin Wide SO (derate 9.52mW/°C above +70°C) ....762mW
18-Pin CERDIP (derate 10.53mW/°C above +70°C)....842mW
20-Pin PLCC (derate 10.00mW/°C above +70°C) .......800mW
20-Pin LCC (derate 9.09mW/°C above +70°C) ...........727mW
Operating Temperature Ranges
DG52_C_ ............................................................0°C to +70°C
DG52_D_/E_ ....................................................-40°C to +85°C
DG52_A_ .......................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VD = ±10V, VAL = 0.8V,
IS = -200µA, VAH = 2.4
(Note 3)
VEN = 0V,
VS = ±10V,
VD = ±10V
VAH = 2.4V,
VS = VD = ±10V,
VAL = 0.8V,
VEN = 2.4V
-10V < VS < 10V
VEN = 0V, VS = ±10V,
VD = ±10V
CONDITIONS
-30
-0.01
IAL
Address Input Current,
Input Voltage Low
µA
-1
-0.002
1
30
IAH
Address Input Current,
Input Voltage High
-1
-0.006
1
-30
µA
-1
-0.002
1
nA
-100
-0.015
100
ID(ON)
Drain-On Leakage
Current (Notes 3, 4)
-10
-0.015
10
-200
-0.03
200
-10
-0.03
10
270
400
V
-15
15
VANALOG
Analog-Signal Range
nA
-100
-0.008
100
ID(OFF)
Drain-Off Leakage
Current
-10
-0.008
10
-200
-0.015
200
-10
-0.015
10
Ω
500
rDS(ON)
Drain-Source
On-Resistance
%
6
∆rDS(ON)
Greatest Change in Drain-
Source On-Resistance
Between Channels
-1
-0.005
1
nA
-50
-0.005
50
IS(OFF)
Source-Off Leakage
Current
UNITS
DG52_A
MIN
TYP
MAX
SYMBOL
VA = RS = WR = 0V,
VEN = 0V or 2.4V
VA = 15V
(Note 2)
DG529
DG529
DG528
DG528
TA = TMAX
TA = +25°C,
TMIN
TA = +25°C
TA = TMAX
VA = 2.4V
TA = TMAX
TA = +25°C
TA = TMAX
TA = +25°C
TA = TMAX
TA = +25°C
TA = TMAX
TA = +25°C
TA = +25°C
TA = TMAX
TA = +25°C
-30
-0.01
-1
-0.002
1
30
-1
-0.006
1
-30
-1
-0.002
1
-100
-0.015
100
-20
-0.015
20
-200
-0.03
200
-20
-0.03
20
270
450
-15
15
-100
-0.008
100
-20
-0.008
20
-200
-0.015
200
-20
-0.015
20
500
6
-5
-0.005
5
-50
-0.005
50
DG52_C/D/E
MIN
TYP
MAX
TA = TMAX
TA = +25°C
TA = TMAX
TA = +25°C
PARAMETER
Note 1: All leads are soldered or welded to PC board.
SWITCH
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com