Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG528CWN Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG528CWN
Description  8-Channel Latchable Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG528CWN Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG528CWN Datasheet HTML 1Page - Maxim Integrated Products DG528CWN Datasheet HTML 2Page - Maxim Integrated Products DG528CWN Datasheet HTML 3Page - Maxim Integrated Products DG528CWN Datasheet HTML 4Page - Maxim Integrated Products DG528CWN Datasheet HTML 5Page - Maxim Integrated Products DG528CWN Datasheet HTML 6Page - Maxim Integrated Products DG528CWN Datasheet HTML 7Page - Maxim Integrated Products DG528CWN Datasheet HTML 8Page - Maxim Integrated Products DG528CWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
8-Channel Latchable Multiplexers
4
_______________________________________________________________________________________
VIN1
0
50%
+3V
0
0.8VIN8
0.8VIN1
VIN8
DG529
OUTB
IN4B
SWITCH
OUTPUT
IN1A TO IN4A
OUTA, IN2B TO IN3B
IN1B
LOGIC
INPUT
A1
A0
±10V
±10V
35pF
VOB
RS
EN
tTRANSITION
IN8 ON
LOGIC
INPUT
tr < 20ns
tf < 20ns
SWITCH
OUTPUT
VO
tTRANSITION
IN1 ON
GND
WR
V+
V-
-15V
+15V
+2.4V
50
Ω
1M
DG528
OUT
IN8
SWITCH
OUTPUT
IN2 TO IN7
IN1
LOGIC
INPUT
A2
A1
A0
±10V
±10V
35pF
VO
RS
EN
GND
WR
V+
V-
-15V
+15V
+2.4V
50
Ω
1M
Figure 1. Transition-Time Test Circuits
VIN
0
0V
50%
+3V
80%
0V
DG529
OUTB
SWITCH
OUTPUT
IN_ AND
OUTA
LOGIC
INPUT
A0, A1 (A2)
35pF
VO
RS
+5V
EN
tOPEN
+1.5V
+3V
+1.5V
LOGIC
INPUT
tr < 20ns
tf < 20ns
SWITCH
OUTPUT
VO
GND
WR
V+
V-
-15V
+15V
+2.4V
50
Ω
1k
Figure 2. Open-Time (B.B.M.) Interval Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com