Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG528CWN Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG528CWN
Description  8-Channel Latchable Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG528CWN Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG528CWN Datasheet HTML 2Page - Maxim Integrated Products DG528CWN Datasheet HTML 3Page - Maxim Integrated Products DG528CWN Datasheet HTML 4Page - Maxim Integrated Products DG528CWN Datasheet HTML 5Page - Maxim Integrated Products DG528CWN Datasheet HTML 6Page - Maxim Integrated Products DG528CWN Datasheet HTML 7Page - Maxim Integrated Products DG528CWN Datasheet HTML 8Page - Maxim Integrated Products DG528CWN Datasheet HTML 9Page - Maxim Integrated Products DG528CWN Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
8-Channel Latchable Multiplexers
6
_______________________________________________________________________________________
0
0
+1.5V
+3V
OUTB OUT
SWITCH
OUTPUT
IN1 OR
IN1B
REMAINING
SWITCHES
LOGIC
INPUT
A0, A1 (A2)
* AS SHOWN
35pF
VO
RS
+5V
EN
50%
0.8 VO
RS
SWITCH
OUTPUT
VO
GND
V+
V-
-15V
+15V
+2.4V
1k
WR
tOFF(RS)
DG528*
Figure 5. Reset Turn-Off Time tOFF(RS) Test Circuit
0
0
+3V
+3V
+1.5V
+0.8V
+2.0V
WR
EN, A0, A1, (A2)
tWD
tDW
tWW
0
VO
0
+3V
+1.5V
0.8 VO
RS
SWITCH
OUTPUT
tOFF(RS)
tRS
Figure 7. Typical Timing Diagrams for DG528/DG529
EN
VO
∆VO
RS
D
VGEN
RGEN
A0, A1 (A2)
CL = 1000pF
VO
EN
S_
∆VO IS THE MEASURE OF VOLTAGE ERROR DUE TO
CHARGE INJECTION. THE CHARGE INJECTION IN
COULOMBS IS Q = CL X ∆VO.
GND
V+
V-
-15V
+15V
+2.4V
WR
* AS SHOWN
DG528*
Figure 6. Charge-Injection Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com