Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG528CWN Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG528CWN
Description  8-Channel Latchable Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG528CWN Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DG528CWN Datasheet HTML 3Page - Maxim Integrated Products DG528CWN Datasheet HTML 4Page - Maxim Integrated Products DG528CWN Datasheet HTML 5Page - Maxim Integrated Products DG528CWN Datasheet HTML 6Page - Maxim Integrated Products DG528CWN Datasheet HTML 7Page - Maxim Integrated Products DG528CWN Datasheet HTML 8Page - Maxim Integrated Products DG528CWN Datasheet HTML 9Page - Maxim Integrated Products DG528CWN Datasheet HTML 10Page - Maxim Integrated Products DG528CWN Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
_______________Detailed Description
The internal structures of the DG528/DG529 include
translators for the A2/A1/A0/EN/WR/RS digital inputs,
latches, and a decode section for channel selection
(Truth Tables). The gate structures consist of parallel
combinations of N and P MOSFETs.
WRITE (WR) and RESET (RS) strobes are provided for
interfacing with µP-bus lines (Figure 9), alleviating the
need for the µP to provide constant address inputs to
the mux to hold a particular channel.
When the WR strobe is in the low state (less than 0.8V)
and the RS strobe is in the high state (greater than
2.4V), the muxes are in the transparent mode—they act
similarly to nonlatching devices, such as the DG508A/
DG509A or the HI508/HI509.
When the WR goes high, the previous BCD address
input is latched and held in that state indefinitely. To
pull the mux out of this state, either WR must be taken
low to the transition state, or RS must be taken low to
turn off all channels.
RS turns off all channels when it is low, which resets
channel selection to the channel 1 mode.
The DG528/DG529 work with both single and dual sup-
plies and function over the +5V to +30V single-supply
range. For example, with a single +15V power supply,
analog signals in the 0V to +15V range can be
switched normally. If negative signals around 0V are
expected, a negative supply is needed. However, only
-5V is needed to normally switch signals in the -5V to
+15V range (-5V, +15V supplies). No current is drawn
from the negative supply, so Maxim’s MAX635 DC-DC
converter is an ideal choice.
The EN latch allows all switches to be turned off under
program control. This is useful when two or more
DG528s are cascaded to build 16-line and larger ana-
log-signal multiplexers.
8-Channel Latchable Multiplexers
_______________________________________________________________________________________
7
Table 1. DG528 Logic States
Table 2. DG529 Logic States
A2
A1
A0
EN
WR
RS
ON SWITCH
Latching
X
X
X
X
1
Maintains previous
switch condition
Reset
X
X
X
X
X
0
None
(latches cleared)
Transparent Operation
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
None
1
2
3
4
5
6
7
8
A1
A0
EN
WR
RS
ON SWITCH
X
X
X
1
Maintains previous
switch condition
X
X
X
X
0
None
(latches cleared)
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
0
0
0
0
0
1
1
1
1
1
None
1
2
3
4
Latching
Reset
Transparent Operation
Note: Logic “1”: VAH ≥ 2.4V, Logic “0”: VAL ≤ 0.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com