Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNTS Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # MNTS
Description  Multilayer structure allows diverse resistance values in the same B constant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MNTS Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  MNTS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. 7
ELECTRICAL CHARACTERISTICS (Cont.)
SIZE: 03 (0603) (Cont.)
Part Number
Resistance
(
25℃)
(
Ω)
B-constant
(
25-85℃)
(
K)
Maximum Power
Rating(25℃)
(
mW)
Thermal Dissipation
Constant
(
mW/℃)
Operating Temp.
Range
(℃)
MNTS03333□3900□
33,000
3900
MNTS03473□3950□
47,000
3950
MNTS03473□4050□
47,000
4050
MNTS03503□4000□
50,000
4000
MNTS03683□4150□
68,000
4150
MNTS03104□3950□
100,000
3950
MNTS03104□4050□
100,000
4050
MNTS03104□4400□
100,000
4400
MNTS03154□4000□
150,000
4000
MNTS03154□4400□
150,000
4400
MNTS03154□4600□
150,000
4600
MNTS03204□4055□
200,000
4055
MNTS03224□3950□
220,000
3950
MNTS03224□4055□
220,000
4055
MNTS03224□4600□
220,000
4600
MNTS03334□4100□
330,000
4100
MNTS03474□4050□
470,000
4050
MNTS03474□4100□
470,000
4100
MNTS03504□4100□
500,000
4100
MNTS03564□4100□
560,000
4100
350
3.5
-40 ~ 125
Remark:1. Maximum Power Rating = Thermal Dissipation Constant × (125℃- 25℃)
□ Please inquire to our sales for other specifications.
MNTS Series
NTC Thermistor
(SMD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com