Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNTS Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MNTS
Description  Multilayer structure allows diverse resistance values in the same B constant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MNTS Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MNTS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. 7
ELECTRICAL CHARACTERISTICS
SIZE: 02 (0402)
Part Number
Resistance
(
25℃)
(
Ω)
B-constant
(
25-85℃)
(
K)
Maximum Power
Rating(25℃)
(
mW)
Thermal Dissipation
Constant
(
mW/℃)
Operating Temp.
Range
(℃)
MNTS02220□3150□
22
3150
MNTS02300□3250□
30
3250
MNTS02470□3250□
47
3250
MNTS02221□3250□
220
3250
MNTS02102□4100□
1,000
4100
MNTS02472□3500□
4,700
3500
MNTS02103□3435□
10,000
3435
MNTS02103□3900□
10,000
3900
MNTS02223□3830□
22,000
3830
MNTS02473□3920□
47,000
3920
MNTS02473□4050□
47,000
4050
MNTS02683□4150□
68,000
4150
MNTS02104□4050□
100,000
4050
MNTS02104□4300□
100,000
4300
MNTS02474□4050□
470,000
4050
250
2.5
-40 ~ 125
Remark:1. Maximum Power Rating = Thermal Dissipation Constant × (125℃- 25℃)
□ Please inquire to our sales for other specifications.
NTC Thermistor
(SMD)
MNTS Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com