Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNTS Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MNTS
Description  Multilayer structure allows diverse resistance values in the same B constant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MNTS Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MNTS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. 7
FEATURES
Multilayer structure allows diverse resistance values in the same B constant.
Ultra small size, High B value, precision tolerances available.
Glass coating provides long term reliability.
Non-polarized for ease of mounting.
Designed for Flow/Reflow soldering.
PART NUMBERING SYSTEM
MNTS 02
XXX
J
XXXX
H
Meritek Series
EIA Size
Code
02
03
05
06*
Size
0402
0603
0805
1206
Resistance :
First 2 digits are significant
3
rd digit is multiplier
“R” indicates decimal for values below 10 ohm
R Tolerance
Code
F
G
H
J
K
Tol.
±1%
±2%
±3%
±5%
±10%
B Value : B value in 4 digits
B Tolerance
Code
F
G
H
Tol.
±1%
±2%
±3%
*Please check with our sales representatives for the product availability and spec.
SMD CHIP DIMENSION
SIZE CODE
L(mm)
W(mm)
T(mm)
L1(mm)
02 (0402)
1.00±0.10
0.50±0.10
0.60 MAX
0.15-0.30
03 (0603)
1.60±0.15
0.80±0.15
0.95 MAX
0.20-0.50
05 (0805)
2.00±0.20
1.25±0.20
1.20 MAX
0.20-0.60
06 (1206)
3.20±0.20
1.60±0.20
1.40 MAX
0.25-0.60
MNTS Series
NTC Thermistor
(SMD)
UL: E223037


Similar Part No. - MNTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MNT-03A ETC2-MNT-03A Datasheet
258Kb / 3P
Miniature Audio Transducer Surface Mount Type
logo
Advantech Co., Ltd.
MNT-MMWB8615 ADVANTECH-MNT-MMWB8615 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
MNT-MMWB8615 ADVANTECH-MNT-MMWB8615 Datasheet
653Kb / 4P
10.1" Healthcare/Hospitality Information Terminal
10-Sep-2021
MNT-MTWHM03 ADVANTECH-MNT-MTWHM03 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
MNT-MTWHM03 ADVANTECH-MNT-MTWHM03 Datasheet
653Kb / 4P
10.1" Healthcare/Hospitality Information Terminal
10-Sep-2021
More results

Similar Description - MNTS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTHS1206N06N2201JE VISHAY-NTHS1206N06N2201JE Datasheet
86Kb / 3P
Extended resistance values available in standard sizes, Allows design flexibility for use with hybrid circuitry
25-Jan-12
NTHS0805N06N2001JE VISHAY-NTHS0805N06N2001JE Datasheet
95Kb / 4P
Extended resistance values available in standard sizes
25-Jan-12
logo
STMicroelectronics
AN3408 STMICROELECTRONICS-AN3408 Datasheet
968Kb / 38P
The NFC technology allows accessing standard
19-Mar-2013
UM1551 STMICROELECTRONICS-UM1551 Datasheet
684Kb / 17P
This demonstration board allows the easy measurement
10-Jun-2013
logo
Isahaya Electronics Cor...
VLA574-01R ISAHAYA-VLA574-01R Datasheet
477Kb / 7P
SIP structure allows more space on mother board
logo
Lumileds Lighting Compa...
DS189 LUMILEDS-DS189 Datasheet
1Mb / 14P
Double the flux in the same form factor
PB189 LUMILEDS-PB189 Datasheet
1Mb / 2P
Double the flux in the same form factor
logo
PHOENIX CONTACT
2702496 PHOENIX-2702496 Datasheet
91Kb / 4P
The measured values are depicted in standardized representation format.
2702497 PHOENIX-2702497 Datasheet
101Kb / 5P
The output values are depicted in standardized representation format.
logo
SUNNY Computer Technolo...
YSDH240 SUNNY-YSDH240 Datasheet
277Kb / 6P
The series offer diverse solutions for demanding automation around the world
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com