Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNTS Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MNTS
Description  Multilayer structure allows diverse resistance values in the same B constant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MNTS Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MNTS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. 7
ELECTRICAL CHARACTERISTICS (Cont.)
SIZE: 03 (0603)
Part Number
Resistance
(
25℃)
(
Ω)
B-constant
(
25-85℃)
(
K)
Maximum Power
Rating(25℃)
(
mW)
Thermal Dissipation
Constant
(
mW/℃)
Operating Temp.
Range
(℃)
MNTS03220□3150□
22
3150
MNTS03300□3150□
30
3150
MNTS03101□3250□
100
3250
MNTS03221□3250□
220
3250
MNTS03102□2950□
1,000
2950
MNTS03102□4150□
1,000
4150
MNTS03202□4150□
2,000
4150
MNTS03222□3150□
2,200
3150
MNTS03222□4150□
2,200
4150
MNTS03332□3150□
3,300
3150
MNTS03332□3300□
3,300
3300
MNTS03472□3340□
4,700
3340
MNTS03472□4500□
4,700
4500
MNTS03502□3340□
5,000
3340
MNTS03502□3980□
5,000
3980
MNTS03682□3435□
6,800
3435
MNTS03682□4250□
6,800
4250
MNTS03103□3435□
10,000
3435
MNTS03103□3550□
10,000
3550
MNTS03103□3970□
10,000
3970
MNTS03103□4050□
10,000
4050
MNTS03223□3900□
22,000
3900
MNTS03223□4050□
22,000
4050
350
3.5
-40 ~ 125
MNTS Series
NTC Thermistor
(SMD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com