Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # MSK
Description  High reliability and stability.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSK Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  MSK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. 7
Safety Certified Multilayer
Ceramic Chip Capacitor
RoHS
MERITEK
MSK/MSH Series
(X1/Y2, X2/Y3)
No.
Item
Standard
Method
Test Condition
Requirements
10. Endurance
IEC
60384-14
4.14
* Impulse Voltage:
Each individual capacitor shall be subjected to a Vp
=
5.0kV (X1Y2 Class Impulse 5kV) & Vp =
6.0kV
(X1Y2 Class Impulse 6kV) impulse for three times
before applied to endurance test.
Additional pulse test 10/700µs before endurance test
for Y3 class (IEC60950)
*Test Temp.: 125±3°C
* Test time:: 1000+48/-0 hrs.
* Applied Voltage:
X capacitor: 1.25UR (312.5VAC)
Y capacitor: 1.70UR (425VAC)
Once every hour the voltage shall be increased to
1000Vrms for 0.1 sec.
* Measurement to be made after keeping at room
temp. for 24±2 hrs (Class I) and 48±4 hrs (Class II)
* Appearance :
No mechanical damage.
* Cap change:
NP0 within ±5% or ±0.5pF whichever is larger
X7R within ±20%
* D.F Value:
NP0
≤ 0.25%
X7R: ≤5.0%
* I.R.
≥1GΩ
* Dielectric strength satisfies the specified initial value
11. Resistance
to Flexure of
Substrate
IEC
60384-21/22
4.8
* Capacitors mounted on a substrate. The board shall
be bent 1mm with a rate of 1mm/sec.
* No remarkable damage.
* Cap change is less than 10%.
(This capacitance change means the change of capacitance
under specified flexure of substrate from the capacitance
measured before the test.)
12. Robustness
of
terminations
(Adhesive
Strength of
Termination)
IEC
60384-21/22
4.15
IEC 60384-1
4.13
* Capacitors mounted on a substrate. A force of
5N
applied perpendicular to the place of substrate and
parallel the line joining the center of terminations for
10±1 sec.
* No remarkable damage or removal of the terminations.
13. Passive
Flammability
IEC
60384-14
4.17
IEC 60384-1
4.38
* Volume sample: 21.56 mm
3
* Flame exposure time: 5 sec Max.
* Category of flammability : C.
* Capacitor didn
’t burn at all
14. Active
Flammability
IEC
60384-21/22
4.18
* The capacitors applied UR (250VAC). Then each
sample shall be subjected to 20 discharges from a
tank capacitor, charge to a voltage that, when
discharged, plase Ui 2500V for X2Y3, Ui 5000V for
X1Y2 across the capacitor under test. The interval
between successive discharges shall be 5 sec.
* The cheese cloth shall not burn with a flame.
15. Impulse
Voltage
IEC
60384-14
4.13
* X1 : 4.0kV, X2 : 2.5kV.
* Y2 : 5.0kV, Y3 : None.
* Number of impulse : 24 max.
*There shall be no permanent breakdown or flashover.
R = 230
20
50
45±1
45±
1
1mm
Capacitor
PC Board
5N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com