Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MSK
Description  High reliability and stability.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSK Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MSK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. 7
Safety Certified Multilayer
Ceramic Chip Capacitor
RoHS
MERITEK
MSK/MSH Series
(X1/Y2, X2/Y3)
FEATURES
X1Y2/X2Y3 class, size 1808~2220, COG(NPO)/X7R, 250V
AC
High reliability and stability.
Small size and high capacitance.
Safety standard approval by UL60384-14.
HALOGEN compliant
APPLICATION
Modem, Facsimile, Telephone
Other electronic equipment for lighting or surge protection and
isolation.
PART NUMBER SYSTEM
SPECIFICATIONS
Dielectric
C0G(NPO)
X7R
Size
1808
1808, 1812, 2211
Rated voltage (WVDC)
250VAC
250VAC
Capacitance range*
X1/Y2 Class 3pF ~ 270pF
X1/Y2 Class
130pF ~ 2200pF
X2/Y3 Class 3pF ~ 1000pF
X2/Y3 Class
150pF ~ 5600pF
Capacitance tolerance
Cap≤5pF: B (±0.1pF), C (±0.25pF)
5pF<Cap<10pF: C (±0.25pF), D (±0.5pF)
Cap≥10pF: F (±1%), G (±2%), J (±5%),K (±10%)
K (±10%), M (±20%)
Tan δ*(Tangent of loss angle)
Cap<30pF: D.F
≤1/(400+20C)
Cap≥30pF: D.F≤0.10%
≤2.5%
Insulation resistance at 500VDC for 60
seconds
≥100GΩ or R·C≥1000
whichever is smaller
≥10GΩ or R·C≥500Ω-F whichever
is smaller
Operating temperature
-55 to +125°C
Capacitance characteristic
±30ppm / ºC
±15%
Termination
(Cu or Ag) / Ni / Sn (lead-free termination)
* C0G(NPO): Apply 1.0±0.2Vrms, 1.0MHz±10%, at 25°C ambient temperature
X7R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25°C ambient temperature
MSK 08 X
101 K
302
Series number
Code
MSK
MSH
Type
X1/Y2
X2/Y3
Dimension
Code
08
12
21
Size (inch)
1808
1812
2211
Dielectric
Code
N
X
NPO
X7R
Capacitance
Capacitance express in microfarads (pF)
First two digits are significant figures
Third digit denoted number of zero
i.e. 101=100pF
Capacitance Tolerance
Code
F
G
J
K
M
Tolerance
±1.0%
±2.0%
±5.0%
±10%
±20%
Safety Class
Code
302
502
X2/Y3
(impulse 2.5kV)
X1/Y2
(impluse 5.0kV)
MERITEK capacitors are designed for surge or
lightning immunity in moderm facsimile and other
equipments.The capacitors of series MSK are
class X1/Y2 compliant respectively.
The green type capacitors in MSK and MSH
series are manufactured by using environmentally
friendly materials without lead or cadmium.
The terminations are composed of plated nickel
and pure tin to feature the superior leaching
resistance during soldering
C
US
File Number - E197475


Similar Part No. - MSK

ManufacturerPart #DatasheetDescription
logo
Phoenix Mecano S.E. Asi...
MSK 11 BOPLA-MSK 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
MSK 13 BOPLA-MSK 13 Datasheet
2Mb / 22P
Cable glands / General Accessories
MSK 16 BOPLA-MSK 16 Datasheet
2Mb / 22P
Cable glands / General Accessories
MSK 21 BOPLA-MSK 21 Datasheet
2Mb / 22P
Cable glands / General Accessories
MSK 29 BOPLA-MSK 29 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - MSK

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
High stability and high reliability
logo
DIYI Electronic Technol...
MMSZ5221B DYELEC-MMSZ5221B Datasheet
954Kb / 2P
H igh Stability and High Reliability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
High Stability, Reliability
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
High reliability and stability
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
High reliability and stability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com