Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MSK
Description  High reliability and stability.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSK Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MSK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. 7
Safety Certified Multilayer
Ceramic Chip Capacitor
RoHS
MERITEK
MSK/MSH Series
(X1/Y2, X2/Y3)
DIMENSIONS
CAPACITANCE RANGE
Class
X1/Y2(MSK series)
X2/Y3(MSH series)
Rated Voltage
250VAC
Dielectric
C0G(NPO)
X7R
C0G(NPO)
X7R
Certificated
UL
UL
UL
UL
UL
UL
Size
1808
1812
2211
1808
1808
1812
Impulse
5kV
5kV
2.5kV
3.0pF (3R0)
D
D
3.3pF (3R3)
D
D
4.0pF (4R0)
D
D
4.7pF (4R7)
D
D
5.0pF (5R0)
D
D
5.6pF (5R6)
D
D
6.8pF (6R8)
D
D
8.2pF (8R2)
D
D
10pF (100)
D
D
12pF (120)
D
D
15pF (150)
D
D
18pF (180)
D
D
22pF (220)
D
D
27pF (270)
D
D
33pF (330)
D
D
39pF (390)
E
E
47pF (470)
E
E
56pF (560)
E
E
68pF (680)
E
E
82pF (820)
E
E
100pF (101)
F
F
120pF (121)
F
F
130pF (131)
F
E
F
150pF (151)
F
E
E
F
E
160pF (161)
F
E
E
F
E
180pF (181)
F
E
E
F
E
220pF (221)
F
E
E
F
E
270pF (271)
F
E
E
F
E
E
330pF (331)
E
E
F
E
E
390pF (391)
E
E
F
E
E
470pF (471)
E
F
F
E
E
560pF (561)
E
F
F
E
E
680pF (681)
F
F
F
E
E
720pF (721)
F
F
F
E
E
820pF (821)
F
F
F
E
E
1,000pF (102)
G
G
F
F
E
1,200pF (122)
G
F
E
1,500pF (152)
G
F
F
1,800pF (182)
G
F
F
2,200pF (222)
G
F
G
2,700pF (272)
G
Size inch(mm)
BL
BW
BH
LW
1808(4520)
4.6±0.3
2.0±0.2
1.25±0.1
C
0.26
1.40±0.15
D
1.60±0.20
E
2.00±0.20
F
1812(4532)
4.6±0.3
3.2±0.3
1.25±0.10
C
0.26
1.60±0.20
E
2.00±0.20
F
2.50±0.30
G
2211(5728)
5.7±0.4
2.8±0.3
1.60±0.20
E
0.30
2.00±0.20
F
2.50±0.30
G
2.80±0.30
H
All dimension is mm
BL
LW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com