Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MSK
Description  High reliability and stability.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSK Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MSK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MSK Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. 7
Safety Certified Multilayer
Ceramic Chip Capacitor
RoHS
MERITEK
MSK/MSH Series
(X1/Y2, X2/Y3)
3,300pF (332)
G
3,900pF (392)
G
2,700pF (272)
G
4,700pF (472)
G
5,600pF (562)
G
RELIABILITY
No.
Item
Standard
Method
Test Condition
Requirements
1. Visual
examination
and
Dimensions
IEC 60384-1
4.1
* No remarkable defect.
* Dimensions to confirm to individual specification sheet.
2. Capacitance IEC 60384-1
4.2.2
Class I (C0G/NPO): 1.0±0.2Vrms,
1MHz±10% For CR ≤100pF
1KHz±10% For CR > 100pF
Class II (X7R): 1.0±0.2Vrms, 1KHz±10%
* Capacitance is within specified tolerance
* CR means rated capacitance for conform to the E6 series of preferred
values given in IEC 60063.
3. D.F.
(Dissipation
Factor)
Tangent of
loos angle
IEC 60384-1
4.2.3
Class I (C0G/NPO)
: Cap≥30pF, D.F≤0.1%;
Cap<30pF, D.F
≤1/(400+20C)
Class II (X7R)
: ≤2.5%
4. Temperature
Coefficient
IEC
60384-21/22
4.6
With no electrical load.
T.C.
Operating Temp
C0G(NPO)
-55~125°C at 25°C
X7R
-55~125°C at 25°C
T.C.
Capacitance C ange
C0G(NPO)
Within ±30ppm/
℃
X7R
Within ±15%
5. Insulation
Resistance
IEC
60384-21/22
4.5.3
* To apply voltage at 500VDC for 60 sec.
* The charge current shall not exceed 0.05A.
Class I (NP0)
:
≥ 100GΩ or RxC ≥ 1000 Ω-F whichever is
smaller.
Class II (X7R)
:
≥ 10GΩ or RxC ≥ 500 Ω-F whichever is smaller.
6. Voltage
proof
(Dielectric
Strength)
IEC 60384-14
4.2.1
* To apply voltage:
X Capacitor: 1075VDC (4.3UR)
Y Capacitor: 1500VAC
* Duration: 60 sec.
* The charge current shall not exceed
0.05A.
* No evidence of damage or flashover during test.
* The voltage shall be raised from the near zero to the test voltage a
rate not exceeding 150V(r.m.s.)/sec.
7. Solderability IEC
60384-21/22
4.10
* Solder temperature: 245±5°C
* Dipping time: 2±0.2 sec.
75% min. coverage of all metalized area.
8. Resistance
to Soldering
Heat
IEC 60384-14
4.4
IEC
60384-21/22
4.9
* Solder temperature: 260±5°C
* Dipping time: 10±1 sec
* Preheating: 120 to 150°C for 1 minute
before immerse the capacitor in a eutectic
solder.
* Before initial measurement (Class II only):
Perform 150+0/-10°C for 1 hr and then set
for 48±4 hrs at room temp.
* Measurement to be made after keeping at
room temp. for 24±2 hrs (Class I) and 48±
4 hrs (Class II)
* No visible damage.
* Cap change:
NP0:
within ±2.5% or ±0.25pF whichever is larger.
I.R: More than 1G
Ω
X7R:
within ±10%
I.R: More than 1G
Ω
9. Humidity
(Damp Heat)
Steady State
IEC 60384-14
4.12
* Test temp.: 40±2°C
* Humidity: 90~95% RH
* Test time: 500+24/-0hrs.
* Applied Voltage:250VAC
* Measurement to be made after keeping at
room temp. for 24±2 hrs (Class I) and 48±
4 hrs (Class II)
* No remarkable damage.
* Cap change:
NP0 within ±5% or ±0.5pF whichever is larger
X7R within ±15%
* D.F Value:
NP0
≤ 0.25%
X7R: ≤5.0%
* I.R.
≥1GΩ
* Dielectric strength satisfies the specified initial value



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com