Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1271ACAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1271ACAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271ACAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1271ACAI Datasheet HTML 4Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 5Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 9Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 10Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
8
_______________________________________________________________________________________
Pin Description
PIN
PDIP
SSOP
NAME
FUNCTION
11
VDD
+5V Supply. Bypass with a 0.1µF capacitor to AGND.
2, 4
2, 3
DGND
Digital Ground
3, 9,
22, 24
4, 7, 8,
11, 22,
24, 25, 28
N.C.
No Connection. No internal connection.
55
SCLK
Serial Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also
sets the conversion speed.
66
CS
Active-Low Chip-Select Input. Data is not clocked into DIN unless CS is low. When CS is high,
DOUT is high impedance.
79
DIN
Serial Data Input. Data is clocked in on the rising edge of SCLK.
810
SSTRB
Serial Strobe Output. In internal clock mode, SSTRB goes low after the falling edge of the eighth
SCLK and returns high when the conversion is done. In external clock mode, SSTRB pulses high
for one clock period before the MSB decision. High impedance when CS is high in external
clock mode.
10
12
DOUT
Serial Data Output. Data is clocked out on the falling edge of SCLK. High impedance when CS is
high.
11
13
SHDN
Shutdown Input. When low, device is in FULLPD mode. Connect high for normal operation.
12
14
AGND
Analog Ground
13–20
15–21, 23
CH0–CH7
Analog Input Channels
21
26
REFADJ
Bandgap Voltage-Reference Output/External Adjust Pin. Bypass with a 0.01µF capacitor to AGND.
Connect to VDD when using an external reference at REF.
23
27
REF
Reference-Buffer Output/ADC Reference Input. In internal reference mode, the reference buffer
provides a 4.096V nominal output, externally adjustable to REFADJ. In external reference mode,
disable the internal reference by pulling REFADJ to VDD and applying the external reference to REF.
0
1
2
3
4
5
6
7
8
0.1
1
10
100
1000
AVERAGE SUPPLY CURRENT vs.
CONVERSION RATE (USING STANDBY)
CONVERSION RATE (ksps)
VDD = 5V, INTERNAL REFERENCE,
fCLK = 2MHz
EXTERNAL CLOCK MODE.
LOW-RANGE UNIPOLAR MODE.
VCH_ = 0
0
1
2
3
4
5
6
7
8
0.1
1
10
100
1000
AVERAGE SUPPLY CURRENT vs.
CONVERSION RATE (USING FULLPD)
CONVERSION RATE (ksps)
VDD = 5V, INTERNAL REFERENCE,
fCLK = 2MHz
EXTERNAL CLOCK MODE.
LOW-RANGE UNIPOLAR MODE.
VCH_ = 0
Typical Operating Characteristics (continued)
(Typical Operating Circuit, VDD = +5V; external reference mode, VREF = +4.096V; 4.7µF at REF; external clock, fCLK = 2MHz;
110ksps; TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com