Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1271ACAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1271ACAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271ACAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1271ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 9Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 10Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 12Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 13Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 14Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
11
Table 1. Control-Byte Format
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
START
SEL2
SEL1
SEL0
RNG
BIP
PD1
PD0
BIT
NAME
DESCRIPTION
7 (MSB)
START
First logic 1 after CS goes low defines the beginning of the control byte.
6, 5, 4
SEL2, SEL1,
SEL0
These 3 bits select the desired “on” channel (Table 2).
3
RNG
Selects the full-scale input voltage range (Table 3).
2
BIP
Selects the unipolar or bipolar conversion mode (Table 3).
1, 0 (LSB)
PD1, PD0
Select clock and power-down modes (Table 4).
Table 2. Channel Selection
SEL2
SEL1
SEL0
CHANNEL
000
CH0
001
CH1
010
CH2
011
CH3
100
CH4
101
CH5
110
CH6
111
CH7
Table 4. Power-Down and Clock Selection
PD1
PD0
MODE
00
Normal operation (always on), internal clock
mode.
01
Normal operation (always on), external clock
mode.
10
Standby power-down mode (STBYPD), clock
mode unaffected.
11
Full power-down mode (FULLPD), clock mode
unaffected.
Table 3. Range and Polarity Selection for MAX1270/MAX1271
RANGE AND POLARITY SELECTION FOR THE MAX1270
INPUT RANGE
RNG
BIP
Negative
FULL SCALE
ZERO
SCALE (V)
FULL SCALE
0 to +5V
0
0
—
0
VREF x 1.2207
0 to +10V
1
0
—
0
VREF x 2.4414
±5V
0
1
-VREF x 1.2207
0
VREF x 1.2207
±10V
1
1
-VREF x 2.4414
0
VREF x 2.4414
RANGE AND POLARITY SELECTION FOR THE MAX1271
INPUT RANGE
RNG
BIP
Negative
FULL SCALE
ZERO
SCALE (V)
FULL SCALE
0 to VREF/2
0
0
—
0
VREF/2
0 to VREF
10
—
0
VREF
±VREF/2
0
1
-VREF/2
0
VREF/2
±VREF
11
-VREF
0VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com