Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1271ACAI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1271ACAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271ACAI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1271ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 9Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 10Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 12Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 13Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 14Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 15Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
12
______________________________________________________________________________________
Input Data Format
Input data (control byte) is clocked in at DIN at the ris-
ing edge of SCLK. CS enables communication with the
MAX1270/MAX1271. After CS falls, the first arriving
logic 1 bit represents the start bit (MSB) of the input
control byte. The start bit is defined as:
The first high bit clocked into DIN with CS low
anytime the converter is idle; e.g., after VDD is
applied.
OR
The first high bit clocked into DIN after bit 6
(D6) of a conversion in progress is clocked
onto DOUT.
Output Data Format
Output data is clocked out on the falling edge of SCLK
at DOUT, MSB first (D11). In unipolar mode, the output
is straight binary. For bipolar mode, the output is two’s
complement binary. For output binary codes, refer to
the Transfer Function section.
How to Start a Conversion
The MAX1270/MAX1271 use either an external serial
clock or the internal clock to complete an acquisition
and perform a conversion. In both clock modes, the
external clock shifts data in and out. See Table 4 for
details on programming clock modes.
The falling edge of CS does not start a conversion on
the MAX1270/MAX1271; a control byte is required for
each conversion. Acquisition starts after the sixth bit is
programmed in the input control byte. Conversion
starts when the acquisition time, six clock cycles,
expires.
Keep CS low during successive conversions. If a start-
bit is received after CS transitions from high to low, but
before the output bit 6 (D6) becomes available, the cur-
rent conversion will terminate and a new conversion will
begin.
External Clock Mode (PD1 = 0, PD0 = 1)
In external clock mode, the clock shifts data in and out
of the MAX1270/MAX1271 and controls the acquisition
and conversion timings. When acquisition is done,
SSTRB pulses high for one clock cycle and conversion
begins. Successive-approximation bit decisions appear
at DOUT on each of the next 12 SCLK falling edges
(Figure 6). Additional SCLK falling edges will result in
zeros appearing at DOUT. Figure 7 shows the SSTRB
timing in external clock mode.
SSTRB and DOUT go into a high-impedance state
when CS goes high; after the next CS falling edge,
SSTRB and DOUT will output a logic low.
The conversion must be completed in some minimum
time, or droop on the sample-and-hold capacitors may
degrade conversion results. Use internal clock mode if
the clock period exceeds 10µs, or if serial-clock inter-
ruptions could cause the conversion interval to exceed
120µs. The fastest the MAX1270/MAX1271 can run is
18 clocks per conversion in external clock mode, and
with a clock rate of 2MHz, the maximum sampling rate
is 111 ksps (Figure 8). In order to achieve maximum
throughput, keep CS low, use external clock mode with
a continuous SCLK, and start the following control byte
after bit 6 (D6) of the conversion in progress is clocked
onto DOUT.
If CS is low and SCLK is continuous, guarantee a start
bit by first clocking in 18 zeros.
SSTRB
CS
SCLK
DIN
DOUT
18
12
13
14
24
25
START SEL2 SEL1 SEL0
BIP
RNG
PD1
PD0
LSB
D11
MSB
MSB
D10
D9
D1
D0
LSB
ACQUISITION
6 SCLK
FILLED WITH
ZEROS
CONVERSION
12 SCLK
A/D STATE
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
Figure 6. External Clock Mode—25 Clocks/Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com