Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1271ACAI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1271ACAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271ACAI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1271ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 12Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 13Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 14Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 15Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 16Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 17Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 18Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
15
Internal Reference
The internally trimmed 2.50V reference is amplified
through the REFADJ buffer to provide 4.096V at REF.
Bypass REF with a 4.7µF capacitor to AGND and
REFADJ with a 0.01µF capacitor to AGND (Figure 13a).
The internal reference voltage is adjustable to ±1.5%
(±65 LSBs) with the reference-adjust circuit of Figure 1.
External Reference
To use the REF input directly, disable the internal buffer
by tying REFADJ to VDD (Figure 13b). Using the
REFADJ input eliminates the need to buffer the refer-
ence externally. When a reference is applied at
REFADJ, bypass REFADJ with a 0.01µF capacitor to
AGND. Note that when an external reference is applied
at REFADJ, the voltage at REF is given by:
VREF = 1.6384 x VREFADJ (2.4 < VREF < 4.18)
(Figure 13c). At REF and REFADJ, the input impedance
is a minimum of 10kΩ for DC currents. During conver-
sions, an external reference at REF must be able to deliv-
er 400µA DC load currents and must have an output
impedance of 10Ω or less. If the reference has higher
output impedance or is noisy, bypass REF with a 4.7µF
capacitor to AGND as close to the chip as possible.
With an external reference voltage of less than 4.096V
at REF or less than 2.5V at REFADJ, the increase in the
ratio of RMS noise to the LSB value (full-scale / 4096)
results in performance degradation (loss of effective
bits).
CS
SCLK
DIN
DOUT
A/D STATE
1
8
9
24
22
14
16
START SEL2 SEL1 SEL0
BIP
RNG
PD1 PD0
D11 D10 D9
D7
D8
D6 D5
D4
D2
D3
D1 D0
START SEL2 SEL1 SEL0
BIP
RNG
PD1 PD0
START
SEL0
SEL1
SEL2
CONTROL BYTE Ø
RESULT Ø
CONTROL BYTE 1
CONTROL BYTE 2
13 SCLK
13 SCLK
SSTRB
D10
D11
D9
D8
D6
D7
D5
D4
D3
RESULT 1
ACQUISITION CONVERSION
ACQUISITION
CONVERSION
HIGH-Z
Figure 11. Internal Clock Mode—13 Clocks/Conversion Timing
CS
SCLK
DIN
DOUT
A/D STATE
IDLE
9
24
25
32
16
17
START
START
SEL2 SEL1 SEL0
BIP
RNG
PD1 PD0
D11 D10 D9
D7
D8
D6
D5
D4
D2
D3
D1 D0
START SEL2 SEL1 SEL0
BIP
RNG
PD1 PD0
CONTROL BYTE Ø
RESULT Ø
CONTROL BYTE 1
CB 2
16 SCLK
16 SCLK
SSTRB
D10
D11
D9
D8
D6
D7
D5
D4
D3
RESULT 1
ACQUISITION CONVERSION
ACQUISITION CONVERSION
HIGH-Z
HIGH-Z
HIGH-Z
1
8
Figure 12. Internal Clock Mode—16 Clocks/Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com