Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW157F Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NFSW157F
Description  Built-in ESD Protection Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW157F Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NFSW157F Datasheet HTML 4Page - NICHIA CORPORATION NFSW157F Datasheet HTML 5Page - NICHIA CORPORATION NFSW157F Datasheet HTML 6Page - NICHIA CORPORATION NFSW157F Datasheet HTML 7Page - NICHIA CORPORATION NFSW157F Datasheet HTML 8Page - NICHIA CORPORATION NFSW157F Datasheet HTML 9Page - NICHIA CORPORATION NFSW157F Datasheet HTML 10Page - NICHIA CORPORATION NFSW157F Datasheet HTML 11Page - NICHIA CORPORATION NFSW157F Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NICHIA STS-DA1-3830 <Cat.No.150622>
7
TAPE AND REEL DIMENSIONS
STS-DA7-0071C
Nxxx157x
トレーラ部
/リーダ部 Trailer and Leader
Top Cover Tape
引き出し方向
LED装着部
リーダ部最小
400mm
トレーラ部最小
160mm(空部)
Trailer 160mm MIN(Empty Pockets)
Loaded Pockets
エンボスキャリアテープ
Embossed Carrier Tape
トップカバーテープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引き出し部最小
100mm(空部)
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
管理番号
No.
(単位 Unit: mm)
リール部
Reel
f 13
±0.2
f 21
±0.8
ラベル
Label
11.4±1
9±0.3
180+0
-3
-0
Φ
1.5+0.1
テーピング部
Tape
4±0.1
4±0.1
2±0.05
1.6±0.1
0.2±0.05
0.65±0.1
-0
Φ
1+0.1
Cathode
Reel Size: 5000pcs
数量は
1リールにつき 5000個入りです。
*
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品テーピングに準拠しています。
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com