Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW157F Datasheet(PDF) 15 Page - NICHIA CORPORATION

Part # NFSW157F
Description  Built-in ESD Protection Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW157F Datasheet(HTML) 15 Page - NICHIA CORPORATION

Back Button NFSW157F Datasheet HTML 10Page - NICHIA CORPORATION NFSW157F Datasheet HTML 11Page - NICHIA CORPORATION NFSW157F Datasheet HTML 12Page - NICHIA CORPORATION NFSW157F Datasheet HTML 13Page - NICHIA CORPORATION NFSW157F Datasheet HTML 14Page - NICHIA CORPORATION NFSW157F Datasheet HTML 15Page - NICHIA CORPORATION NFSW157F Datasheet HTML 16Page - NICHIA CORPORATION NFSW157F Datasheet HTML 17Page - NICHIA CORPORATION NFSW157F Datasheet HTML 18Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
NICHIA STS-DA1-3830 <Cat.No.150622>
14
RELIABILITY
(1) Tests and Results
Test
Reference
Standard
Test Conditions
Test
Duration
Failure
Criteria
#
Units
Failed/Tested
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C, 10sec, 2reflows,
Precondition: 30°C, 70%RH, 168hr
#1
0/22
Solderability
(Reflow Soldering)
JEITA ED-4701
303 303A
Tsld=245±5°C, 5sec,
Lead-free Solder(Sn-3.0Ag-0.5Cu)
#2
0/22
Thermal Shock
JEITA ED-4701
300 307
-40°C to 100°C, 1min dwell,
10sec transfer,
Precondition: 30°C, 70%RH, 168hr
100cycles
#1
0/22
Temperature Cycle
JEITA ED-4701
100 105
-40°C(30min)~25°C(5min)~
100°C(30min)~25°C(5min)
100cycles
#1
0/22
Moisture Resistance
(Cyclic)
JEITA ED-4701
200 203
25°C~65°C~-10°C, 90%RH,
24hr per cycle
10cycles
#1
0/22
High Temperature
Storage
JEITA ED-4701
200 201
TA=100°C
1000hours
#1
0/22
Temperature Humidity
Storage
JEITA ED-4701
100 103
TA=60°C, RH=90%
1000hours
#1
0/22
Low Temperature
Storage
JEITA ED-4701
200 202
TA=-40°C
1000hours
#1
0/22
Room Temperature
Operating Life
Condition 1
TA=25°C, IF=120mA
Test board: See NOTES below
1000hours
#1
0/22
Room Temperature
Operating Life
Condition 2
TA=25°C, IF=200mA
Test board: See NOTES below
500hours
#1
0/22
High Temperature
Operating Life
TA=100°C, IF=65mA
Test board: See NOTES below
1000hours
#1
0/22
Temperature Humidity
Operating Life
60°C, RH=90%, IF=130mA
Test board: See NOTES below
500hours
#1
0/22
Low Temperature
Operating Life
TA=-40°C, IF=120mA
Test board: See NOTES below
1000hours
#1
0/22
Vibration
JEITA ED-4701
400 403
200m/s2, 100~2000~100Hz,
4cycles, 4min, each X, Y, Z
48minutes
#1
0/22
Electrostatic Discharges
JEITA ED-4701
300 304
HBM, 2kV, 1.5kΩ, 100pF, 3pulses,
alternately positive or negative
#1
0/22
Soldering Joint Shear
Strength
JEITA ED-4702B
002 3
5N, 10±1sec
#1
0/22
NOTES:
1) Test board: FR4 board thickness=1.6mm, copper layer thickness=0.07mm, RθJA≈88°C/W
2) Measurements are performed after allowing the LEDs to return to room temperature.
(2) Failure Criteria
Criteria #
Items
Conditions
Failure Criteria
#1
Forward Voltage(VF)
IF=120mA
>U.S.L.×1.1
Luminous Flux(ΦV)
IF=120mA
<L.S.L.×0.7
#2
Solderability
-
Less than 95% solder coverage
U.S.L. : Upper Specification Limit
L.S.L. : Lower Specification Limit
(3) Reference
The projected average time to 70% lumen maintenance for this product is 30000hours
under the conditions of Nichia reliability test: TA=60°C(TJ≤90°C), IF=120mA, Nichia standard circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com