Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW157F Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFSW157F
Description  Built-in ESD Protection Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW157F Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFSW157F Datasheet HTML 1Page - NICHIA CORPORATION NFSW157F Datasheet HTML 2Page - NICHIA CORPORATION NFSW157F Datasheet HTML 3Page - NICHIA CORPORATION NFSW157F Datasheet HTML 4Page - NICHIA CORPORATION NFSW157F Datasheet HTML 5Page - NICHIA CORPORATION NFSW157F Datasheet HTML 6Page - NICHIA CORPORATION NFSW157F Datasheet HTML 7Page - NICHIA CORPORATION NFSW157F Datasheet HTML 8Page - NICHIA CORPORATION NFSW157F Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NICHIA STS-DA1-3830 <Cat.No.150622>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.7
3.4
V
Luminous Flux
P14d21
51.0
55.6
lm
P13d22
46.7
51.0
P13d21
42.8
46.7
P12d22
39.2
42.8
Color Ranks
Rank Bt04
Rank Bt05
x
0.3000
0.3000
0.3050
0.3050
x
0.2950
0.2950
0.3000
0.3000
y
0.2934
0.3034
0.3126
0.3026
y
0.2842
0.2942
0.3034
0.2934
Rank Bt06
Rank Bt07
x
0.2900
0.2900
0.2950
0.2950
x
0.2850
0.2850
0.2900
0.2900
y
0.2750
0.2850
0.2942
0.2842
y
0.2658
0.2758
0.2850
0.2750
Rank Bt08
Rank Bt09
x
0.2800
0.2800
0.2850
0.2850
x
0.2750
0.2750
0.2800
0.2800
y
0.2566
0.2666
0.2758
0.2658
y
0.2474
0.2574
0.2666
0.2566
Rank Bt10
Rank Bt11
x
0.2700
0.2700
0.2750
0.2750
x
0.2650
0.2650
0.2700
0.2700
y
0.2382
0.2482
0.2574
0.2474
y
0.2290
0.2390
0.2482
0.2382
Rank Bt12
Rank Bt24
x
0.2600
0.2600
0.2650
0.2650
x
0.3000
0.3000
0.3050
0.3050
y
0.2198
0.2298
0.2390
0.2290
y
0.2834
0.2934
0.3026
0.2926
Rank Bt25
Rank Bt26
x
0.2950
0.2950
0.3000
0.3000
x
0.2900
0.2900
0.2950
0.2950
y
0.2742
0.2842
0.2934
0.2834
y
0.2650
0.2750
0.2842
0.2742
Rank Bt27
Rank Bt28
x
0.2850
0.2850
0.2900
0.2900
x
0.2800
0.2800
0.2850
0.2850
y
0.2558
0.2658
0.2750
0.2650
y
0.2466
0.2566
0.2658
0.2558
Rank Bt29
Rank Bt30
x
0.2750
0.2750
0.2800
0.2800
x
0.2700
0.2700
0.2750
0.2750
y
0.2374
0.2474
0.2566
0.2466
y
0.2282
0.2382
0.2474
0.2374
Rank Bt31
Rank Bt32
x
0.2650
0.2650
0.2700
0.2700
x
0.2600
0.2600
0.2650
0.2650
y
0.2190
0.2290
0.2382
0.2282
y
0.2098
0.2198
0.2290
0.2190
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±5%
* Chromaticity Coordinate Tolerance: ±0.003
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com