Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW157F Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NFSW157F
Description  Built-in ESD Protection Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW157F Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NFSW157F Datasheet HTML 7Page - NICHIA CORPORATION NFSW157F Datasheet HTML 8Page - NICHIA CORPORATION NFSW157F Datasheet HTML 9Page - NICHIA CORPORATION NFSW157F Datasheet HTML 10Page - NICHIA CORPORATION NFSW157F Datasheet HTML 11Page - NICHIA CORPORATION NFSW157F Datasheet HTML 12Page - NICHIA CORPORATION NFSW157F Datasheet HTML 13Page - NICHIA CORPORATION NFSW157F Datasheet HTML 14Page - NICHIA CORPORATION NFSW157F Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NICHIA STS-DA1-3830 <Cat.No.150622>
10
DERATING CHARACTERISTICS
NFSW157x
管理番号
No. STS-DA7-5313A
0
50
100
150
200
250
300
0
20
40
60
80
100
120
Derating1
(63, 200)
(100, 71.0)
0
50
100
150
200
250
300
0
20
40
60
80
100
120
Derating2
(100, 200)
10
100
1000
1
10
100
Duty
200
400
はんだ接合部温度(カソード側)-許容順電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
周囲温度-許容順電流特性
Ambient Temperature vs
Allowable Forward Current
はんだ接合部温度(カソード側)
Solder Temperature(Cathode Side)(°C)
周囲温度
Ambient Temperature(°C)
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
88°C/W
θJA
R
=
T
A =25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com