Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB2800S Datasheet(PDF) 3 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 3 Page - International Rectifier

  HTB2800S Datasheet HTML 1Page - International Rectifier HTB2800S Datasheet HTML 2Page - International Rectifier HTB2800S Datasheet HTML 3Page - International Rectifier HTB2800S Datasheet HTML 4Page - International Rectifier HTB2800S Datasheet HTML 5Page - International Rectifier HTB2800S Datasheet HTML 6Page - International Rectifier HTB2800S Datasheet HTML 7Page - International Rectifier HTB2800S Datasheet HTML 8Page - International Rectifier HTB2800S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.irf.com
3
HTB28XXS
(185°C, 28V Input, Single Output)
Electrical Performance Characteristics (continued)
For Notes to Electrical Performance Characteristics, refer to page 4
Limits
Parameter
Conditions
-35
°C ≤ TC ≤ +185°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Subgroups
10
Min
Nom
Max
Unit
Line rejection
MIL-STD-461, CS101
30Hz to 50kHz
1
1
45
55
dB
Isolation
Input to output or any pin to case
except case pin, test at 500VDC
1
100
M
Ω
Device weight
41
44
g
HTB2803R3S
Preliminary
HTB2805S
HTB2812S
Preliminary
HTB2815S
Preliminary
TEST
Conditions
-35°
≤ TC ≤ +185°C
VIN = 28VDC ±5% CL = 0
unless otherwise
specified
Subgroup
10
Min
Max
Min
Max
Min
Max
Min
Max
Unit
50% IMAX
Ù100% IMAX
Transient step load
changes, overshoot
6
10% IMAX
Ù50% IMAX
4, 5, 6
-4.0
+4.0
-3.0
+3.0
-1.0
+1.0
-1.0
+1.0
%
50% IMAX
Ù 100% IMAX
200
200
100
100
µs
Transient step load
changes, delay
10% IMAX
Ù50% IMAX
4, 5, 6
200
200
100
100
µs
Transient step line
changes, overshoot
17
Ù 34 VDC
IOUT = IMAX
4, 5, 6
-1.0
1.0
-1.0
+1.0
-2.0
2.0
-2.0
2.0
%
Transient step line
changes, delay
4, 7, 8
17
Ù 34 VDC
IOUT = IMAX
4, 5, 6
200
200
200
200
µs
Turn-on response,
overshoot
9,10
IOUT = 0, IMAX
4, 5, 6
2.0
2.0
2.0
2.0
%
Turn-on response,
delay
9,10
IOUT = 0, IMAX
4, 5, 6
1.0
10
1.0
10
1.0
10
1.0
10
ms
Load fault
recovery
4,10,12
IOUT = IMAX
4, 5, 6
5.0
5.0
10
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com