Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB2800S Datasheet(PDF) 1 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 1 Page - International Rectifier

  HTB2800S Datasheet HTML 1Page - International Rectifier HTB2800S Datasheet HTML 2Page - International Rectifier HTB2800S Datasheet HTML 3Page - International Rectifier HTB2800S Datasheet HTML 4Page - International Rectifier HTB2800S Datasheet HTML 5Page - International Rectifier HTB2800S Datasheet HTML 6Page - International Rectifier HTB2800S Datasheet HTML 7Page - International Rectifier HTB2800S Datasheet HTML 8Page - International Rectifier HTB2800S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
HIGH TEMPERATURE
HYBRID DC-DC CONVERTER
HTB28XXS
Description
n Case Operating Temperatures: -35°C to +185°C
n Life > 1200 hours @ +185°C
n Up to 5W Output Power
n Wide Input Voltage Range: 17 to 34 Volts
n Single Outputs: 3.3V, 5V, 12V and15V
n Minimum Efficiency 69%
n Low Inhibit Current (less than 3.5mA)
n External Inhibit / Enable
n Short Circuit and Overload Protection
n Under-Voltage Lockout Protection
n Industry Standard Pin-out
n Compact Flanged Package: 1.0”W x 0.41”H x 2.82”L
n Parallel Seam Welded Steel Package
Features
185°C, 5W, 28V Input, Single Output
The HTB28XXS Series is a hybrid, hermetically sealed, single
output 5W DC-DC converter designed to operate in high
temperature up to 185°C and shock and vibration environments
such as those encountered in oil exploration applications.
Features include small size, 1" width and low weight. All internal
components are specifically selected to meet the intended
operating environment. Documentation, including electrical
stress and thermal analysis, is available to customers.
07/07/15
HTB
The HTB28XXS Series of DC-DC converters use flyback
topology, operating at a nominal frequency of 550 kHz. High
input to output galvanic isolation is achieved through the use
of transformers in the power and feedback paths. The
advanced feedback design provides fast loop response for
superior line and load transient characteristics and offers
greater reliability than converters incorporating optical feedback
circuits.
These converters are designed to meet full performance over
a 17 to 34 volts input range and provide output power of up to
5 watts. An inhibit pin allows to shut the converter down or
enable it.
Output current is limited under any load fault condition to
approximately 180% of rated value. An overload condition
causes the converter output to limit current. The converter will
remain in current limit mode until the load current is reduced
below the overcurrent limit, at which time it will resume normal
operation. This protects the converter as well as load from
both overload and short circuit conditions.
The converters are enclosed in a 1.0"W x 0.41"H x 2.82"L
flanged package excluding mounting tabs and I/O pins and
weigh less than 44 grams. The cold rolled steel (CRS) package
utilizes rugged ceramic feed-thru copper core pins and is
sealed with parallel seam welding.
Full environmental screening includes temperature cycling,
constant acceleration, fine and gross leak testing and burn-in
as per Device Screening table. Variations in electrical
specifications and screening to meet custom requirements
may be accommodated.
.
Applications
n Down Hole Exploration Tools
PD-97825


Similar Part No. - HTB2800S

ManufacturerPart #DatasheetDescription
logo
LEM
HTB200-P LEM-HTB200-P Datasheet
66Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB200-P LEM-HTB200-P Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB200-P LEM-HTB200-P Datasheet
687Kb / 2P
Current Transducers
HTB200-P LEM-HTB200-P Datasheet
652Kb / 2P
Current Transducers
HTB200-P LEM-HTB200-P Datasheet
551Kb / 3P
Current Transducer
More results

Similar Description - HTB2800S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
logo
VPT, Inc.
HTD1R5B-1200D VPT-HTD1R5B-1200D Datasheet
569Kb / 11P
HIGH TEMPERATURE HYBRID DC-DC CONVERTERS
HTD1R5N-2800D VPT-HTD1R5N-2800D Datasheet
577Kb / 12P
HIGH TEMPERATURE HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com