Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB2800S Datasheet(PDF) 5 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 5 Page - International Rectifier

  HTB2800S Datasheet HTML 1Page - International Rectifier HTB2800S Datasheet HTML 2Page - International Rectifier HTB2800S Datasheet HTML 3Page - International Rectifier HTB2800S Datasheet HTML 4Page - International Rectifier HTB2800S Datasheet HTML 5Page - International Rectifier HTB2800S Datasheet HTML 6Page - International Rectifier HTB2800S Datasheet HTML 7Page - International Rectifier HTB2800S Datasheet HTML 8Page - International Rectifier HTB2800S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.irf.com
5
HTB28XXS
(185°C, 28V Input, Single Output)
Technical Notes:
As an alternative to application and removal of the DC voltage to the input, the user can control the converter
output by providing TTL compatible, positive logic signal to Inhibit pin (pin 3) and to Input Return (pin 2).
Inhibit signal is internally pulled “high” so that when not used, an open connection on the Enable pin permits
normal converter operation. A logical “low” on Inhibit pin will shut down the converter.
1. Inhibiting Converter Output:
2. Synchronization of Multiple Converters:
Sometimes there is a need to synchronize the HTB converters to an external frequency. For example if
several HTB converters have to be paralleled and operate off an external clock then this feature becomes
useful. This helps get rid of the “beat” frequency, thus relieving the problem of having to filter out a very low
frequency ripple. To accommodate this requirement, the HTB series of converters have a synchronization
input. The Sync Input port (pin 4) permits synchronization of a HTB converter to any compatible external
frequency source operating between 500 KHz and 600 KHz. This input signal should be referenced to the
Input Return and should have 10% to 90% duty cycle. Compatibility requires transition times to be less
than100ns, maximum low level of +0.8V and a minimum high level of +2.0V. When external synchronization
is not required, the Sync In pin should be left unconnected, thereby, permitting the converter to operate at its
own internally set frequency. Five HTB converters can be operated in parallel with good current/load
sharing.
3. Mounting the HTB:
1. Check all surfaces for foreign material, burrs, or anything that may interfere with the different parts..
2. Apply a very thin layer of thermal grease to the mounting surface, aluminum or copper, which has
good thermal conductivity and surface flatness of 0.002" per inch. The thicker and wider the mounting
plate, the better the operating thermal equilibrium will be, thus improving overall reliability.
3. Alternatively a Sil-Pad 2000 (made by http://www.bergquistcompany.com) may be used as an interface
material between the converter and mounting surface.
4. Place the converter on the mounting surface and line it up with mounting holes.
5. Install screws using appropriate washers and tighten by hand (~6 in.oz) in the sequence shown below
in Figure 2. Please use 8-32 size screws and #8 flat washers.
6. Tighten the screws with appropriate torque driver using a controlled torque of 6 in.lb in the sequence as
shown in the diagram.
7. The case of the HTB converter is isolated from input or output return. It is optional for customer to decide
to either ground it or leave it floating. However, it is important to note that common mode capacitors are
internally tied to the case. Hence, connecting it to Ground (Earth) will enhance common mode noise
rejection/reduction.
It is important to mount the HTB converter on an aluminum plate or a heat sink before powering it up.
For this following procedure is recommended:
Figure 2. Top view of the HTB Converter with tightening sequence
Step 1
Step 2
Step 3
Step 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com