Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB2800S Datasheet(PDF) 4 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 4 Page - International Rectifier

  HTB2800S Datasheet HTML 1Page - International Rectifier HTB2800S Datasheet HTML 2Page - International Rectifier HTB2800S Datasheet HTML 3Page - International Rectifier HTB2800S Datasheet HTML 4Page - International Rectifier HTB2800S Datasheet HTML 5Page - International Rectifier HTB2800S Datasheet HTML 6Page - International Rectifier HTB2800S Datasheet HTML 7Page - International Rectifier HTB2800S Datasheet HTML 8Page - International Rectifier HTB2800S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
HTB28XXS
(185°C, 28V Input, Single Output)
Figure 1. Block Diagram
Notes for Electrical Performance Characteristics Table
1.
Parameter guaranteed and measured should be during line and load regulation tests.
2.
Parameter tested with 10MHz bandwidth.
3.
Capacitive load may be any value from 0 to the maximum limit without compromising DC performance. A
capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation
of the load fault detection circuitry, appearing as a short circuit during turn-on.
4.
Parameter shall be tested as part of design characterization and after design or process changes.
5.
An overload is that condition of load in excess of rated load but less than that necesary to trigger the short
circuit protection and is the condition of maximum power dissipation.
6.
Load step transition time between 2 and 10 microseconds.
7.
Recovery time is measured from initiation of the transient to where VOUT has returned to within
±1% of VOUT at
50% load.
8.. Input step transition time between 2 and 10 microseconds.
9.
Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground
signal from the Inhibit pin (pin 3) while power is applied to the input.
10. Subgroup 1, 4 electrical characteristics are measured at +25°C, subgroup 2, 5 at +185°C and subgroup 3, 6 at
-35°C. Subgroups 1, 2 and 3 are static tests. Subgroups 4, 5 and 6 are dynamic tests.
11. Parameter tested with resistive load.
12. Recovery time is measured from the short removal to where VOUT has returned to within
±10% of VOUT at
full load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com