Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2233EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2233EEE
Description  900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2233EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2233EEE Datasheet HTML 1Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
900MHz ISM-Band, 250mW Power Amplifiers
with Analog or Digital Gain Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VCTRL = +2.2V, V SHDN = VD0 = VD1 = +2V, TA = -40°C to +85°C. No input signal applied, unless otherwise
noted. Typical values are at VCC = +3.6V and TA = +25°C.)
AC ELECTRICAL CHARACTERISTICS
(MAX2232/MAX2233 Evaluation Kit, VCC = +3.6V, VCTRL = +2.2V, SHDN = VCC (MAX2232), D0 = D1 = VCC (MAX2233),
PRFIN = 0dBm, ƒRFIN = 915MHz, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.5V
SHDN, CTRL, D0, D1 to GND ....................-0.3V to (VCC +0.3V)
IRFIN ....................................................................................10mA
RFIN Power (50
Ω AC-coupled source). .........................+10dBm
Output Load VSWR. ................................................................6:1
Continuous Power Dissipation (TA = +70°C)
16-Pin PQSOP (derate 80mW/°C above +70°C) ................3W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCTRL ≤ 0.4V (MAX2232)
VSHDN = 0.6V,
VD0 = VD1 = 0.6V
VCTRL = GND
V SHDN = GND (MAX2232),
VD0 = VD1 = GND (MAX2233)
V SHDN = 2.0V (MAX2232),
VD0 = VD1 = 2.0V (MAX2233)
MAX2232
SHDN (MAX2232), D0, D1 (MAX2233)
SHDN (MAX2232), D0, D1 (MAX2233)
MAX2232
VCTRL = 2.2V
CONDITIONS
1.5
mA
20.3
25
ICC
Standby Supply Current
0.2
10
ICC
V
2.7
5.5
VCC
Supply Voltage Range
Shutdown Supply Current
µA
-1.5
1
CTRL Input Current
-1
1
IIL
µA
-1
10
IIH
Logic Input Current
V
0.6
VCTRL
CTRL Input for Gain-Control
Mode
V
2.0
VIH
Logic Input High
V
0.6
VIL
Logic Input Low
V
0.4
VCTRL
CTRL Input for Standby Mode
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µA
7.5
VCC ≤ 4.8V
4.8V < VCC ≤ 5.5V
VCC = 4.8V
(Notes 1, 2)
D0 = GND, D1 = VCC (MAX2233 only)
VCC = 3.6V (Note 1)
VCC = 3.0V
VCC = 2.7V
TA = TMIN to TMAX (Note 1)
CONDITIONS
25.4
dB
23.9
GP
MHz
902
928
ƒIN
Frequency Range
Power Gain
dBm
15.8
POUT
Output Power, Medium-Power
Mode
22.9
23.9
24.9
dBm
22.5
21.6
POUT
Output Power
dB
1.9
3.2
∆POUT
Output Power Variation Over
Temperature
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com