Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2233EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2233EEE
Description  900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2233EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2233EEE Datasheet HTML 1Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
900MHz ISM-Band, 250mW Power Amplifiers
with Analog or Digital Gain Control
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2232/MAX2233 Evaluation Kit, VCC = +3.6V, VCTRL = +2.2V, SHDN = VCC (MAX2232), D0 = D1 = VCC (MAX2233),
PRFIN = 0dBm, ƒRFIN = 915MHz, TA = +25°C, unless otherwise noted.)
Note 1: Guaranteed by design.
Note 2: Operation outside this range is possible, but not characterized.
Note 3: Gain is monotonic with VCTRL.
Note 4: Input VSWR relative to input impedance in operating mode.
Note 5: Harmonics measured on evaluation kit, which provides some harmonic attenuation in addition to the rejection provided by
the IC. The combined suppression is specified.
Note 6: Time measured from SHDN (MAX2232) low-to-high transition to when output power is within 1dB of final value. Includes
effects of 1% tolerance capacitor.
Note 7: Time measured from SHDN (MAX2232) high-to-low transition to when output power is -20dB of final value. Includes effects
of 1% tolerance capacitors.
Note 8: Time from die temperature dropping below Thermal Shutdown Temperature, TTH, to when the device turns itself back on.
CRAMP = 0.22µF (Notes 1, 6) (MAX2232 only)
(Note 5)
Any load phase angle, PRFIN = +5dBm,
TA = TMIN to TMAX
VCC = +2.7V to +5.5V,
6:1 VSWR at any phase angle,
PRFIN = +5dBm
CTRL = GND (MAX2232 only)
SHDN = D0 = D1 = GND
MAX2232 only
0.6V < VCTRL < 2.2V (MAX2232 only)
ZSOURCE = 50Ω (Note 1)
D0 = VCC, D1 = GND (MAX2233 only)
D0 = VCC, D1 = GND (MAX2233 only)
D0 = GND, D1 = VCC (MAX2233 only)
CTRL adjusted to give PRFOUT = +21dBm
(MAX2232 only)
CONDITIONS
ms
0.9
Autoramping Rise Time
dBc
29
Harmonic Suppression
6:1
Maximum Output Load VSWR
Without Damage (Note1)
dBc
-60
Maximum Nonharmonic
Spurious Output Due to Load
Mismatch
dB
38
52
Off-Isolation
1.2:1
∆VSWR
Input VSWR Change, Standby
Mode (Notes 1, 4)
1.4:1
∆VSWR
Input VSWR Change, Shutdown
Mode (Notes 1, 4)
1.5:1
VSWR
Input VSWR
mA
44.0
ICC
Supply Current, Low-Power
Mode
mA
78.5
ICC
Supply Current, Medium-Power
Mode
%
29
PAE
Power-Added Efficiency at
+21dBm Output Power
%
44
PAE
Power-Added Efficiency
dB
23.6
∆GP
Gain-Control Range (Note 3)
dBm
6.5
POUT
Output Power, Low-Power Mode
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
PRFIN = 0dBm, VCC = +3.6V
RAMP+ = RAMP- = unconnected (Note 6)
CRAMP = 0.22µF (Notes 1, 7) (MAX2232 only)
CTSET = 0.22µF (Note 8)
°C
145
TTH
Thermal Shutdown Temperature
µs
0.4
ms
3.2
Autoramping Fall Time
Output Power Rise Time
ms
900
tTH
Thermal Shutdown Timeout
Period



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com