Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2233EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2233EEE
Description  900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2233EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2233EEE Datasheet HTML 1Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LINEAR
SCALE
0
3V
1ms/div
MAX2232
OUTPUT POWER vs. SHUTDOWN CONTROL
MAX2232/33 toc10
CRAMP = 0.22µF
OUTPUT
POWER
SHUTDOWN
900MHz ISM-Band, 250mW Power Amplifiers
with Analog or Digital Gain Control
4
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX2232/MAX2233 Evaluation Kit, VCC = +3.6V, CTRL = VCC, SHDN = D0 = D1 = VCC, PRFIN = 0dBm, fRFIN = 915MHz, TA = +25°C,
unless otherwise noted.)
0.001
0.01
1
0.1
10
100
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
0
10
5
20
15
25
30
2.5
3.5
4.0
3.0
4.5
5.0
5.5
MAX2232
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
VSHDN = VCC
VCTRL = GND
RFIN = UNCONNECTED
22
23
24
25
26
27
28
20
21
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85°C
TA = -40°C
TA = +25°C
0
5
10
15
20
25
30
0.6
1.0
0.8
1.2 1.4 1.6 .1.8 2.0 2.2 2.4
MAX2232
OUTPUT POWER vs. GAIN CONTROL VOLTAGE
VCTRL (V)
TA = -40°C
TA = +25°C
TA = +85°C
10
0
20
40
30
50
60
2.5
3.5
3.0
4.0
4.5
5.0
5.5
POWER-ADDED EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
5
10
15
20
25
30
902
915
928
OUTPUT POWER vs. FREQUENCY
MAX2233 (D0 = 0, D1 = 1)
MAX2233 (D0 = D1 = 1), AND MAX2232
MAX2233 (D0 = 1, D1 = 0)
3
8
18
13
23
28
10
25
55
40
70
85
-20
-10
-15
-5
0
5
10
15
OUTPUT POWER AND POWER-ADDED EFFICIENCY
vs. INPUT POWER
MAX2232/33 toc07
INPUT POWER (dBm)
TA = -40°C
TA = -40°C
TA = +25°C
POUT
PAE
TA = +25°C
TA = +85°C
TA = +85°C
1.0
1.2
1.4
1.6
1.8
2.0
902
915
928
MAX2232
RFIN PORT VSWR vs. FREQUENCY
FREQUENCY (MHz)
SHUTDOWN MODE
NORMAL OPERATION
STANDBY MODE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com