Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2233EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2233EEE
Description  900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2233EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2233EEE Datasheet HTML 1Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2233EEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX2232/MAX2233 low-voltage, silicon RF power
amplifiers (PAs) are designed for use in the 900MHz
ISM band. They operate from a single +2.7V to +5.5V
supply, allowing them to be powered directly from a 3-
cell NiCd or a 1-cell Lithium-Ion battery. The devices
typically deliver 250mW (+24dBm) of output power at
915MHz from a single +3.6V supply, or 150mW
(+22dBm) from a single +2.7V supply. At +24dBm out-
put power, power-added efficiency (PAE) is 44%.
The MAX2232/MAX2233 provide 24dB of gain, which is
adjustable over a continuous 24dB span via the analog
gain-control pin of the MAX2232 or in two 10dB steps
via the 2-bit programmable gain-control DAC of the
MAX2233. An external capacitor sets the RF output
power envelope ramp time, reducing spurious emis-
sions during power-up and power-down by providing a
gradual change in output power (MAX2232).
The MAX2232/MAX2233 feature a low-power shutdown
mode, which typically draws less than 1µA of supply
current, saving power during “idle slots” in time-division
multiple-access (TDMA) systems. The
∆VSWR of the RF
input in shutdown mode relative to normal operation is
1.2:1. The devices also feature a thermal shutdown
function, enabling the PA to protect itself from excessive
temperature conditions that could damage the IC. A
capacitor to ground limits thermal cycling by setting a
thermal shutdown timeout period.
The MAX2232/MAX2233 are available in a space-sav-
ing, thermally enhanced 16-pin power-QSOP (PQSOP)
package.
Applications
900MHz ISM Band
Digital Cordless Phones
Wireless Data
FM Analog Transmitters
868MHz European ISM Band
Features
o 800MHz to 1000MHz Frequency Range
o 250mW (+24dBm) Output Power at 915MHz from
+3.6V Supply
o +2.7V to +5.5V Single-Supply Operation
o 44% Power-Added Efficiency
o 24dB Power Gain
o 24dB Analog Gain-Control Range (MAX2232)
o Three Levels of Digitally Programmed Power Gain
in 10dB Steps (MAX2233)
o Programmable RF Power Envelope Ramping
(MAX2232)
o Thermal Shutdown
o Programmable Thermal Shutdown Timeout Period
o 0.2µA Low-Power Shutdown Mode
o Low
∆VWSR in Standby and Shutdown Modes
900MHz ISM-Band, 250mW Power Amplifiers
with Analog or Digital Gain Control
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RFIN
VCC
GND
RAMP+ (N.C.)
RAMP- (N.C.)
VCC
VCC
TSET
N.C.
TOP VIEW
MAX2232
MAX2233
PQSOP
GND
SHDN (D1)
GND
CTRL (D0)
GND
GND
RFOUT
GROUND OF OUTPUT STAGE CONNECTED TO PACKAGE SLUG.
( ) ARE FOR MAX2233.
19-1470; Rev 0; 4/99
PART
MAX2232EEE
MAX2233EEE
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 PQSOP
16 PQSOP
Pin Configuration
Ordering Information
Functional Diagram appears at end of data sheet.


Similar Part No. - MAX2233EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2233EVKIT MAXIM-MAX2233EVKIT Datasheet
165Kb / 4P
SMA Input and Output RF Signal Connectors Evaluation Kits
Rev 0; 11/99
More results

Similar Description - MAX2233EEE

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2172 RFMD-RF2172 Datasheet
292Kb / 12P
ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
RF2172 RFMD-RF2172_06 Datasheet
333Kb / 14P
ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Pulse A Technitrol Comp...
W3112A PULSE-W3112A Datasheet
545Kb / 3P
ISM 900MHz Helical SMD-Antenna
logo
World Produts Inc.
WPANT10073-S1A WPI-WPANT10073-S1A Datasheet
78Kb / 2P
900MHz ISM band Embedded Antenna
WPANT10091-S1A WPI-WPANT10091-S1A Datasheet
56Kb / 2P
900MHz ISM band Embedded Antenna
logo
Soshin electric Co., Lt...
ARP-482000E SOSHIN-ARP-482000E Datasheet
21Kb / 1P
900MHz Band Chip Power Divider
logo
Qorvo, Inc
RFPA2172 QORVO-RFPA2172 Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com