Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO293BN-RXYZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # TO293BN-RXYZ
Description  1310 nm TO-Can Package for 10 Gb/s Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

TO293BN-RXYZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  TO293BN-RXYZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TO293BN-RXYZ
1310 nm TO-Can Package for 10 Gb/s Applications
Data Sheet
Description
The TO293BN-RXYZ is a hermetically-sealed device with a
photo diode for optical output monitoring. It incorporates
1310 nm single mode edge-emitting laser diode chips for
use in uncooled applications up to 10.7 Gb/s. The laser
is mounted into a Transistor Outline (TO) header and is
hermetically sealed with a lens cap specific to it. The laser
design is buried hetero structure with multi-quantum
well (MQW) active layers and distributed-feedback (DFB)
grating layer. All laser chips come from wafers that have
been certified using a representative lot of devices that
must achieve an acceptable yield for burn-in and other
multi-temperature, CW and dynamic tests.
Features
•
Low threshold current
•
High bandwidth
•
Qualified as per intent of Telcordia GR-468
•
Operating temperature -40 °C to 85 °C
Applications
•
Supports performance up to 10.7 Gb/s bit rate
•
LR1 SONET/SDH OC192/STM-64
•
10 Gb/s Gigabit Ethernet
•
10 Gb/s Fiber Channel


Similar Part No. - TO293BN-RXYZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
TO293x AVAGO-TO293x Datasheet
111Kb / 1P
Laser & detector chip & TO-can products
More results

Similar Description - TO293BN-RXYZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5307 CEL-NX5307 Datasheet
460Kb / 8P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s INTRA-OFFICE APPLICATION
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX5311 CEL-NX5311 Datasheet
160Kb / 4P
1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX8340MD-CC CEL-NX8340MD-CC Datasheet
280Kb / 6P
1310 nm AIGaInAs MQW-DFB LASER DIODE MODULE WITH DRIVER IN SMT PACKAGE FOR 10 GB/s APPLICATIONS
logo
Optoway Technology Inc
SPS-2110G OPTOWAY-SPS-2110G Datasheet
171Kb / 5P
10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
logo
Renesas Technology Corp
NX8346TB RENESAS-NX8346TB Datasheet
196Kb / 10P
LASER DIODE 1310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX5311S CEL-NX5311S Datasheet
161Kb / 4P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com