Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO293BN-RXYZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # TO293BN-RXYZ
Description  1310 nm TO-Can Package for 10 Gb/s Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

TO293BN-RXYZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  TO293BN-RXYZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electro-Optical Characteristics for TO293BN-RXYZ 1310 nm DFB TO-Can
Parameters tested at 25 °C, data for extended temperature range is based on product characterization results for
reference only.
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Threshold Current
Ith
CW, T = 25 °C
812
mA
T = 85 °C
25
30
Slope Efficiency
η
CW, T = 25 °C
0.2
0.25
W/A
T = 85 °C
0.12
0.18
Optical Output Power
Pf
If = 30 mA
3.2
5.0
mW
Forward Voltage
Vf
If = 30 mA
1.3
1.6
V
If = 30 mA with Matching R
1.9
3
Series Resistance
R
Without Matching R
5
Ω
With Matching R
12
30
Kink Current
Iknk
Ith to 100 mA
70
mA
Wavelength
λ
CW, If = 30 mA
1290
1310
1330
nm
Side Mode Suppression Ratio
SMSR
CW, If = 30 mA
30
40
dB
Monitor Output Current
Im
If = 30 mA
100
1000
μA
Monitor Dark Current
Id
VrP = 5 V, not in black box
100
nA
Product Characteristics of Chip-on-Carrier or Package at 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Wavelength/Temperature Coefficient
Dλ/dT
T = –5 °C to 85 °C
0.09
nm/°C
Relative Intensity Noise
RIN
If = 30mA, 50 MHz – 12 GHz
–140
dB/Hz
Bandwidth
BW
Ith + 36 mA
9
GHz
Rise Time
τr
Unfiltered 20 – 80%; ER = 5 dB
35
Ps
Fall Time
τf
Unfiltered; 80 – 20%; ER = 5 dB
45
Ps
Monitor Capacitance
C
VrP = 5V, f = 1 MHz
5
7
pF
Notes:
Pf = Light from the TO
If = Forward current
Vf = Forward voltage
VrP = Reversed bias for photo diode
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute
stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those
given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can
adversely affect device reliability.
Parameter
Unit
Min.
Max.
Forward Current
mA
150
Front Power
mW
20
Reverse Voltage (Laser Diode)
V
2
Reverse Voltage (Photo Diode)
V
20
Forward Current (Photo Diode)
mA
10
Operating Temperature
°C
–40
85
Storage Temperature
°C
–40
100
Storage Relative Humidity
%
85



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com