Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO293BN-RXYZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # TO293BN-RXYZ
Description  1310 nm TO-Can Package for 10 Gb/s Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

TO293BN-RXYZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  TO293BN-RXYZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Handling Precautions
Radiation from the laser can be dangerous; avoid direct eye contact with the laser. Use an infrared camera or IR viewer
to observe the laser light.
Semiconductor lasers are sensitive to electrostatic damage. Pack the module with ESD-proof material for carry and
shipment. Carefully ground the working environment, such as working bench, soldering iron, and the workers.
Electrical and Optical Overstress (ESD/EOS) Information
Results of ESD testing indicate that this is a Class I laser with an ESD withstand voltage of 500 V.
Switching transients can cause electrical overstress (EOS) damage in a chip.
EOS may result from improper ESD handling, improper power sequencing, a faulty power supply or an intermittent
connection.
Proper turn-on sequence:
1. All ground connections
2. Most negative supply
3. Most positive supply
4. All remaining connections
Reverse the order to turn off.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com