Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO293BN-RXYZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # TO293BN-RXYZ
Description  1310 nm TO-Can Package for 10 Gb/s Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

TO293BN-RXYZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  TO293BN-RXYZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED TO293BN-RXYZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Dimensions (Unit: mm)
Pin Assignment
Pin No. Standard Type
Isolated MPD Type
1
LD Anode
LD Anode
2
No Connection
PD Anode
3
PD Cathode
PD Cathode
4
LD Cathode
LD Cathode
5
Case (GND)
Case (GND)
Standard Type
Isolated MPD Type
Bottom View
TO293BN-EHAZ
TO293BN-ECAZ
TO293BN-EBAZ
TO293BN-EFAZ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com