Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2G07 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AXP2G07
Description  Low-power dual buffer with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP2G07 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AXP2G07_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 9Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74AXP2G07
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2014
6 of 16
NXP Semiconductors
74AXP2G07
Low-power dual buffer with open-drain output
11. Dynamic characteristics
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPZL and tPLZ.
[3]
For additional propagation delay (tPZL) values at different load capacitances, see Figure 6 to Figure 10.
[4]
tt is the same as tTZL.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+CL  VCC2  fo where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching.
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 11.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +85 C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
nA to nY; see Figure 5
[2][3]
VCC = 0.75 V to 0.85 V
3
11
31
2
82
ns
VCC = 1.1 V to 1.3 V
2.2
4.8
7.3
2.0
7.6
ns
VCC = 1.4 V to 1.6 V
1.8
3.6
5.1
1.6
5.4
ns
VCC = 1.65 V to 1.95 V
1.5
3.4
5.1
1.3
5.5
ns
VCC = 2.3 V to 2.7 V
1.2
2.6
3.7
1.1
3.9
ns
tt
transition time
VCC = 2.7 V; see Figure 5
[4]
--
-
0.9
-
ns
CI
input capacitance VI = 0 V or VCC;
VCC =0Vto2.75V
-0.5
-
-
-
pF
CO
output
capacitance
VO = 0 V; VCC = 0 V
-
0.7
-
-
-
pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI =0 Vto VCC
[5]
VCC = 0.75 V to 0.85 V
-
0.9
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
1.0
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
1.0
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
1.1
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
1.3
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com