Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2G07 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AXP2G07
Description  Low-power dual buffer with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP2G07 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AXP2G07_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 9Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 10Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 11Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AXP2G07
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2014
8 of 16
NXP Semiconductors
74AXP2G07
Low-power dual buffer with open-drain output
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.6 V
(2) Typical: Tamb = 25 C; VCC = 1.5 V
(3) Maximum: VCC = 1.4 V
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.3 V
(2) Typical: Tamb = 25 C; VCC = 1.2 V
(3) Maximum: VCC = 1.1 V
Fig 8.
Additional tPZL versus load capacitance
Fig 9.
Additional tPZL versus load capacitance
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 0.85 V
(2) Typical: Tamb = 25 C; VCC = 0.8 V
(3) Maximum: VCC = 0.75 V
Fig 10. Additional tPZL versus load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com