Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2G07 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AXP2G07
Description  Low-power dual buffer with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP2G07 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AXP2G07_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AXP2G07 is a dual non-inverting buffer with open-drain outputs.
Schmitt-trigger action at the inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power-down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 0.7 pF (typical)
Low dynamic power consumption; CPD = 1.0 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP2G07
Low-power dual buffer with open-drain output
Rev. 1 — 24 September 2014
Product data sheet


Similar Part No. - 74AXP2G07_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP2G07GM NEXPERIA-74AXP2G07GM Datasheet
830Kb / 17P
Low-power dual buffer with open-drain output
74AXP2G07GN NEXPERIA-74AXP2G07GN Datasheet
830Kb / 17P
Low-power dual buffer with open-drain output
74AXP2G07GS NEXPERIA-74AXP2G07GS Datasheet
830Kb / 17P
Low-power dual buffer with open-drain output
74AXP2G07GX NEXPERIA-74AXP2G07GX Datasheet
830Kb / 17P
Low-power dual buffer with open-drain output
More results

Similar Description - 74AXP2G07_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
Low-power buffer with open-drain output
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
Low-power dual buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com