Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2G07 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AXP2G07
Description  Low-power dual buffer with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP2G07 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AXP2G07_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 9Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 10Page - NXP Semiconductors 74AXP2G07_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AXP2G07
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2014
7 of 16
NXP Semiconductors
74AXP2G07
Low-power dual buffer with open-drain output
12. Waveforms
Measurement points are given in Table 9.
VOL is the typical output voltage level that occurs at the output load.
Fig 5.
The data input (nA) to output (nY) propagation delays and output transition time
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
VX
0.75 V to 1.6 V
0.5VCC
VCC
 3.0 ns
0.5VCC
VOL +0.1 V
1.65 V to 2.7 V
0.5VCC
VCC
 3.0 ns
0.5VCC
VOL +0.15V
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 2.7 V
(2) Typical: Tamb = 25 C; VCC = 2.5 V
(3) Maximum: VCC = 2.3 V
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.95 V
(2) Typical: Tamb = 25 C; VCC = 1.8 V
(3) Maximum: VCC = 1.65 V
Fig 6.
Additional tPZL versus load capacitance
Fig 7.
Additional tPZL versus load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com