Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX395C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX395C/D
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX395C/D Datasheet HTML 6Page - Maxim Integrated Products MAX395C/D Datasheet HTML 7Page - Maxim Integrated Products MAX395C/D Datasheet HTML 8Page - Maxim Integrated Products MAX395C/D Datasheet HTML 9Page - Maxim Integrated Products MAX395C/D Datasheet HTML 10Page - Maxim Integrated Products MAX395C/D Datasheet HTML 11Page - Maxim Integrated Products MAX395C/D Datasheet HTML 12Page - Maxim Integrated Products MAX395C/D Datasheet HTML 13Page - Maxim Integrated Products MAX395C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
10
______________________________________________________________________________________
0
04
DATA SETUP TIME vs.
POSITIVE SUPPLY VOLTAGE
20
60
SUPPLY VOLTAGE (V)
8
40
80
90
100
70
10
50
30
26
100
0.001
-50
125
POWER-SUPPLY CURRENT
vs. TEMPERATURE
10
1
TEMPERATURE (
°C)
25
0.1
0.01
-25
0
75
50
100
V± = ±5.5V
I+
I-
10
04
MINIMUM SCLK PULSE WIDTH vs.
POSITIVE SUPPLY VOLTAGE
15
25
SUPPLY VOLTAGE (V)
8
20
30
35
26
0
-100
10k
100k
10M
1G
FREQUENCY RESPONSE
-80
-20
FREQUENCY (Hz)
1M
100M
-40
-60
20
-80
-100
-120
-60
0
-20
-40
PHASE
OFF ISOLATION
INSERTION LOSS
ISOLATION OF
A BARE SOCKET
V± = ±5V
50
Ω IN AND OUT
0.01
10
100
1k
10k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
100
V± = ±5V
600
Ω IN AND OUT
____________________________Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
Note: NO_ and COM_ pins are identical and interchangeable. Either may be considered as an input or an output; signals pass
equally well in either direction.
NAME
FUNCTION
1
SCLK
Serial Clock Digital Input
2
V+
Positive Analog Supply Voltage Input
PIN
3
DIN
Serial Data Digital Input
5, 7, 9, 11, 14, 16, 18, 20
NO0–NO7
Normally Open Analog Switches 0–7
6, 8, 10, 12, 13, 15, 17, 19
COM0–COM7
Common Analog Switches 0–7
21
V-
Negative Analog Supply Voltage Input. Connect to GND for single-supply operation
22
DOUT
Serial Data Digital Output. (High is sourced from V+.)
23
RESET
Reset Input. Connect to digital (logic) supply (or V+). Drive low to set all switch-
es off and set internal shift registers to 0.
24
CS
Chip-Select Digital Input (Figure 1)
4
GND
Ground. Connect to digital ground. (Analog signals have no ground reference;
they are limited to V+ and V-.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com