Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX395C/D Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX395C/D
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395C/D Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX395C/D Datasheet HTML 8Page - Maxim Integrated Products MAX395C/D Datasheet HTML 9Page - Maxim Integrated Products MAX395C/D Datasheet HTML 10Page - Maxim Integrated Products MAX395C/D Datasheet HTML 11Page - Maxim Integrated Products MAX395C/D Datasheet HTML 12Page - Maxim Integrated Products MAX395C/D Datasheet HTML 13Page - Maxim Integrated Products MAX395C/D Datasheet HTML 14Page - Maxim Integrated Products MAX395C/D Datasheet HTML 15Page - Maxim Integrated Products MAX395C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
___________________Chip Topography
NO5
NO4
COM3
COM2
COM5
COM4
NO3
NO2
0.120"
(3.05mm)
0.100"
(2.54mm)
DOUT
CS
V+
RESET
SCLK
DIN
COM1
NO1
COM0
NO0
GND
COM6
NO6
COM7
NO7
V-
TRANSISTOR COUNT: 500
SUBSTRATE CONNECTED TO V+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com