Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX395C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX395C/D
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX395C/D Datasheet HTML 3Page - Maxim Integrated Products MAX395C/D Datasheet HTML 4Page - Maxim Integrated Products MAX395C/D Datasheet HTML 5Page - Maxim Integrated Products MAX395C/D Datasheet HTML 6Page - Maxim Integrated Products MAX395C/D Datasheet HTML 7Page - Maxim Integrated Products MAX395C/D Datasheet HTML 8Page - Maxim Integrated Products MAX395C/D Datasheet HTML 9Page - Maxim Integrated Products MAX395C/D Datasheet HTML 10Page - Maxim Integrated Products MAX395C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3.0V to +3.6V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
C, E
CONDITIONS
V-
V+
TA = +25°C
270
500
C, E, M
V+ = 3.0V, VCOM = 1.5V,
INO = 1mA
V
2.4
VIH
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold High
Ω
C, E
C, E
C, E, M
C, E, M
600
TA = +25°C
-0.1
0.002
0.1
C, E, M
V+ = 3.0V, VCOM = 3V,
VNO = 0V
-5
5
C, E, M
IDOUT = -1.6mA
IDOUT = 0.1mA
VDIN, VSCLK,
VCS = 0.8V or 2.4V
V
2.8
V+
VDOUT
mV
DOUT Output Voltage Logic High
µA
-1
0.03
1
IIH, IIL
DIN, SCLK, CS, Input
Current Logic High or Low
V
0.8
VIL
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold Low
100
SCLKHYST
V
0
0.4
VDOUT
DOUT Output Voltage Logic Low
SCLK Input Hysteresis
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = +25°C
-0.1
0.002
0.1
C, E, M
V+ = 3.6V, VCOM = 0V,
VNO = 3V
-5
5
nA
INO(OFF)
NO Off Leakage Current
(Notes 4, 5)
TA = +25°C
C, E, M
From rising edge of CS
ns
800
tON
260
600
Turn-On Time
TA = +25°C
TA = +25°C
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
CL = 1nF, VNO = 0V, RS = 0Ω
pC
210
VCTE
dB
Charge Injection (Note 4)
-90
VISO
TA = +25°C
From rising edge of CS
Off Isolation (Note 6)
ns
15
tBBM
Break-Before-Make Delay
TA = +25°C
C, E, M
From rising edge of CS
ns
400
tOFF
90
300
Turn-Off Time
TA = +25°C
TA = +25°C
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
dB
<-90
VCT
Channel-to-Channel Crosstalk
(Note 7)
620
C, E, M
DIN = CS = SCLK = 0V or V+,
RESET = 0V or 5V
µA
30
I+
V+ Supply Current
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
TA = +25°C
-0.1
0.002
0.1
C, E, M
V+ = 3.6V, VCOM = 0V,
VNO = 3V
-10
10
nA
ICOM(ON)
COM On Leakage Current
(Notes 4, 5)
TA = +25°C
-0.1
0.002
0.1
C, E, M
V+ = 3.6V, VCOM = 3V,
VNO = 0V
-5
5
TA = +25°C
0.1
0.002
0.1
C, E, M
V+ = 3.6V, VCOM = 0V,
VNO = 3V
nA
-5
5
ICOM(OFF)
COM Off Leakage Current
(Notes 4, 5)
TA = +25°C
-0.1
0.002
0.1
C, E, M
V+ = 3.6V, VCOM = 3V,
VNO = 0V
-10
10
RON
COM, NO On-Resistance
V
Analog Signal Range
C, E, M
VCOM, VNO
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com