Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX395C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX395C/D
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX395C/D Datasheet HTML 8Page - Maxim Integrated Products MAX395C/D Datasheet HTML 9Page - Maxim Integrated Products MAX395C/D Datasheet HTML 10Page - Maxim Integrated Products MAX395C/D Datasheet HTML 11Page - Maxim Integrated Products MAX395C/D Datasheet HTML 12Page - Maxim Integrated Products MAX395C/D Datasheet HTML 13Page - Maxim Integrated Products MAX395C/D Datasheet HTML 14Page - Maxim Integrated Products MAX395C/D Datasheet HTML 15Page - Maxim Integrated Products MAX395C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
12
______________________________________________________________________________________
Addressable Serial Interface
When several serial devices are configured as slaves,
addressable by the processor, DIN pins of each
decode logic individually control CS of each slave
device. When a slave is selected, its CS pin is driven
low, data is shifted in, and CS is driven high to latch the
data. Typically, only one slave is addressed at a time.
DOUT is not used.
__________Applications Information
Multiplexers
The MAX395 can be used as a multiplexer, but to
obtain the same electrical performance with slightly
improved programming speed, use the MAX349 8-
channel mux or the MAX350 dual 4-channel mux, both
in 18-pin packages.
D7 D6
D5 D4 D3 D2 D1 D0
DATA BITS FROM PREVIOUS DATA INPUT
D7 D6 D5 D4 D3 D2 D1
D0
DOUT
DIN
SCLK
SWITCHES
UPDATED
CS
D0
DATA BITS
Figure 2. Three-Wire Interface Timing
RESET
X
0
0
1
X
1
1
1
Switch 7 open (off)
Switch 6 open (off)
Switch 7 closed (on)
All switches open, D7–D0 = 0
FUNCTION
X
1
X
1
X
1
X
1
Switch 5 open (off)
Switch 4 open (off)
Switch 5 closed (on)
Switch 6 closed (on)
X
1
X
1
X
1
X
1
Switch 3 open (off)
Switch 2 open (off)
Switch 3 closed (on)
Switch 4 closed (on)
X
1
X
1
X
1
X
1
Switch 1 open (off)
Switch 0 open (off)
Switch 1 closed (on)
Switch 2 closed (on)
D7
X
0
X
X
X
X
X
1
X
X
X
X
X
X
X
X
D6
X
X
X
X
X
X
X
X
0
X
X
X
X
X
1
X
X
X
X
D4
X
0
X
1
X
X
X
X
X
X
X
X
X
D5
X
X
X
X
X
X
X
X
X
X
X
X
0
X
X
X
X
X
1
D2
X
X
X
X
X
X
X
DATA BITS
X
X
X
X
X
X
X
X
X
X
X
0
X
X
X
D0
X
X
X
X
X
X
X
X
X
X
0
X
1
X
D1
X
0
X
1
X
X
X
X
X
D3
X
X
X
X
X
1
1
X
Switch 0 closed (on)
X
Table 1. Serial-Interface Switch Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com