Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX398C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX398C/D
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX398C/D Datasheet HTML 1Page - Maxim Integrated Products MAX398C/D Datasheet HTML 2Page - Maxim Integrated Products MAX398C/D Datasheet HTML 3Page - Maxim Integrated Products MAX398C/D Datasheet HTML 4Page - Maxim Integrated Products MAX398C/D Datasheet HTML 5Page - Maxim Integrated Products MAX398C/D Datasheet HTML 6Page - Maxim Integrated Products MAX398C/D Datasheet HTML 7Page - Maxim Integrated Products MAX398C/D Datasheet HTML 8Page - Maxim Integrated Products MAX398C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX398/MAX399 precision, monolithic, CMOS ana-
log multiplexers (muxes) offer low on-resistance (less
than 100
Ω), which is matched to within 6Ω between
channels and remains flat over the specified analog sig-
nal range (11
Ω max). They also offer low leakage over
temperature (NO-off leakage current less than 2.5nA at
+85°C) and fast switching speeds (transition time less
than 250ns). The MAX398 is an 8-channel device, and
the MAX399 is a dual 4-channel device.
The MAX398/MAX399 are fabricated with Maxim’s low-
voltage silicon-gate process. Design improvements
yield extremely low charge injection (less than 5pC) and
guarantee electrostatic discharge protection greater than
2000V.
These muxes operate with a single +3V to +15V supply or
bipolar ±3V to ±8V supplies, while retaining CMOS-logic
input compatibility and fast switching. CMOS inputs pro-
vide reduced input loading. The MAX398/MAX399 are
pin compatible with the industry-standard DG408,
DG409, DG508A, and DG509A.
________________________Applications
Sample-and-Hold Circuits
Automatic Test Equipment
Heads-Up Displays
Guidance and Control Systems
Military Radios
Communications Systems
Battery-Operated Systems
PBX, PABX
Audio Signal Routing
Low-Voltage Data Acquisition Systems
____________________________Features
o Pin Compatible with Industry-Standard
DG408/DG409/DG508A/DG509A
o Guaranteed On-Resistance Match
Between Channels (<6
Ω )
o Low On-Resistance (<100
Ω )
o Guaranteed Flat On-Resistance over Signal
Range (<11
Ω)
o Guaranteed Low Charge Injection (<5pC)
o NO-Off Leakage Current <1nA at +85°C
o COM-Off Leakage Current <2.5nA at +85°C
o Electrostatic Discharge Protection >2000V
o Single-Supply Operation (+3V to +15V)
Bipolar-Supply Operation (±3V to ±8V)
o Low Power Consumption (<300µW)
o Rail-to-Rail Signal Handling
o TTL/CMOS-Logic Compatible
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
** Contact factory for package availability.
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
A2
GND
V+
N01
V-
EN
A0
TOP VIEW
MAX398
NO5
NO6
NO7
NO8
COM
N04
N03
N02
DIP/SO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
NO1B
N01A
V-
EN
A0
MAX399
NO2B
NO3B
NO4B
COMB
COMA
N04A
N03A
N02A
DIP/SO
__________________________________________________________Pin Configurations
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
PART
MAX398CPE
MAX398CSE
MAX398C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
Dice*
MAX398EPE
MAX398ESE
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
MAX398EJE
MAX398MJE
-55°C to +125°C
-40°C to +85°C
16 CERDIP**
16 CERDIP**
19-0299; Rev. 2; 7/96


Similar Part No. - MAX398C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX398C/D MAXIM-MAX398C/D Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
More results

Similar Description - MAX398C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX4518 MAXIM-MAX4518 Datasheet
170Kb / 12P
Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 5/98
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
15-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com