Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX398C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX398C/D
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX398C/D Datasheet HTML 4Page - Maxim Integrated Products MAX398C/D Datasheet HTML 5Page - Maxim Integrated Products MAX398C/D Datasheet HTML 6Page - Maxim Integrated Products MAX398C/D Datasheet HTML 7Page - Maxim Integrated Products MAX398C/D Datasheet HTML 8Page - Maxim Integrated Products MAX398C/D Datasheet HTML 9Page - Maxim Integrated Products MAX398C/D Datasheet HTML 10Page - Maxim Integrated Products MAX398C/D Datasheet HTML 11Page - Maxim Integrated Products MAX398C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
_Ordering Information (continued)
* Contact factory for dice specifications.
** Contact factory for package availability.
16 CERDIP**
16 CERDIP**
-40°C to +85°C
-55°C to +125°C
MAX399MJE
MAX399EJE
16 Narrow SO
16 Plastic DIP
-40°C to +85°C
-40°C to +85°C
MAX399ESE
MAX399EPE
Dice*
16 Narrow SO
16 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX399C/D
MAX399CSE
MAX399CPE
PART
__________________________________________________________Chip Topographies
V+
NO3
NO4
EN
0.102"
(2.59mm)
0.080"
(2.03mm)
COM
NO8
NO5
NO6
NO7
N.C.
A0
A1 A2
GND
NO2
NO1
V-
MAX398
V+
NO3A
NO4A
EN
0.102"
(2.59mm)
0.080"
(2.03mm)
COMA
COMB
NO1B
NO2B
NO4B
NO3B
A0
A1 N.C. GND
NO2A
NO1A
V-
MAX399
TRANSISTOR COUNT: 161
SUBSTRATE CONNECTED TO V+
TRANSISTOR COUNT: 161
SUBSTRATE CONNECTED TO V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com