Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX398C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX398C/D
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX398C/D Datasheet HTML 2Page - Maxim Integrated Products MAX398C/D Datasheet HTML 3Page - Maxim Integrated Products MAX398C/D Datasheet HTML 4Page - Maxim Integrated Products MAX398C/D Datasheet HTML 5Page - Maxim Integrated Products MAX398C/D Datasheet HTML 6Page - Maxim Integrated Products MAX398C/D Datasheet HTML 7Page - Maxim Integrated Products MAX398C/D Datasheet HTML 8Page - Maxim Integrated Products MAX398C/D Datasheet HTML 9Page - Maxim Integrated Products MAX398C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
110
30
-5
-3
1
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
50
90
VCOM (V)
-1
3
70
100
40
80
60
5
-4
0
-2
2
4
V± = ±5V
V± = ±3V
110
30
-5
-3
1
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(DUAL SUPPLIES)
50
90
VCOM (V)
-1
3
70
100
40
80
60
5
-4
0
-2
2
4
V+ = 5V
V- = -5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
300
50
02
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
100
200
VCOM (V)
4
150
250
275
225
75
175
125
15
3
V+ = 3V
V- = 0V
V+ = 5V
180
02
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(SINGLE SUPPLY)
100
VCOM (V)
4
60
140
160
120
80
40
15
3
TA = +25°C
TA = -55°C
TA = +85°C
TA = +125°C
V+ = 5V
V- = 0V
-5
-3
1
CHARGE INJECTION vs. VCOM
-5
5
VCOM (V)
-1
3
0
5
-4
0
-2
2
4
V+ = 5V
V- = -5V
V+ = 5V
V- = 0V
0.1
OFF-LEAKAGE vs.
TEMPERATURE
1000
TEMPERATURE (
°C)
10
1
100
-50
125
25
-25
0
75
50
100
V+ = 5.5V
V- = -5.5V
0.1
ON-LEAKAGE vs.
TEMPERATURE
1000
10,000
TEMPERATURE (
°C)
10
1
100
-50
125
25
-25
0
75
50
100
V+ = 5.5V
V- = -5.5V
0.1
SUPPLY CURRENT vs.
TEMPERATURE
10
TEMPERATURE (
°C)
1
-50
125
25
-25
0
75
50
100
V+ = 5V
V- = -5V
VEN = VA = 0V, 5V
I+
I-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com