Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX398C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX398C/D
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX398C/D Datasheet HTML 1Page - Maxim Integrated Products MAX398C/D Datasheet HTML 2Page - Maxim Integrated Products MAX398C/D Datasheet HTML 3Page - Maxim Integrated Products MAX398C/D Datasheet HTML 4Page - Maxim Integrated Products MAX398C/D Datasheet HTML 5Page - Maxim Integrated Products MAX398C/D Datasheet HTML 6Page - Maxim Integrated Products MAX398C/D Datasheet HTML 7Page - Maxim Integrated Products MAX398C/D Datasheet HTML 8Page - Maxim Integrated Products MAX398C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
_______________________________________________________________________________________
5
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RONMAX - RONMIN.
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges, i.e., VNO = 3V to 0V and 0V to -3V.
Note 6: Leakage parameters are 100% tested at maximum rated hot operating temperature, and guaranteed by correlation at +25°C.
Note 7: Worst-case isolation is on channel 4 because of its proximity to the COM pin. Off isolation = 20log VCOM/VNO, VCOM = output,
VNO = input to off switch.
Note 8: Leakage testing at single supply is guaranteed by correlation testing with dual supplies.
ns
CONDITIONS
275
tON(EN)
Enable Turn-On Time
pC
1.5
5
Q
Charge Injection (Note 3)
tOPEN
Break-Before-Make Interval
ns
90
245
tTRANS
Transition Time
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
90
200
TA = TMIN to TMAX
TA = +25°C
CL = 10nF, VS = 0V, RS = 0Ω
TA = +25°C
VNO = 3V
TA = +25°C
ELECTRICAL CHARACTERISTICS—Single 5V (continued)
(V+ = 5V ±10%, V- = 0V, GND = 0V, VAH = VENH = +2.4V, VAL = VENL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—Single 3V
(V+ = 3V ±10%, V- = 0V, GND = 0V, VAH = VENH = +2.4V, VAL = VENL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
ns
CONDITIONS
Enable Turn-Off Time (Note 3)
pC
15
Q
Charge Injection (Note 3)
230
375
V
V-
V+
VANALOG
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Figure 3, VINH = 2.4V,
VINL = 0V, VN01 = 1.5V
CL = 10nF, VS = 0V, RS = 0Ω
TA = +25°C
(Note 3)
TA = +25°C
Ω
425
RON
On-Resistance
INO = 1mA, VCOM = 1.5V,
V+ = 3V
TA = TMIN to TMAX
ns
230
575
tTRANS
Transition Time (Note 3)
Figure 1, VIN = 2.4V,
VN01 = 1.5V, VN08 = 0V
TA = +25°C
75
400
tOFF(EN)
TA = +25°C
ns
200
500
tON(EN)
Enable Turn-On Time (Note 3)
Figure 3, VINH = 2.4V,
VINL = 0V, VN01 = 1.5V
TA = +25°C
SWITCH
DYNAMIC
ns
10
40
ns
200
tOFF(EN)
Enable Turn-Off Time
50
125
TA = TMIN to TMAX
TA = +25°C
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com